Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 11 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 11 Page - RYCHIP Semiconductor Inc.

Back Button RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 13Page - RYCHIP Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 11 / 13
Where LLIM_AVG is the average start-up current during the soft-start period, and TSS is the soft- start time.
On the other hand, special attention should be paid when selecting these components. The DC bias of these
capacitors can result in a capacitance value that falls below the minimum value given in the recommended capacitor
specifications table.
The ceramic capacitor’s actual capacitance can vary with temperature. The capacitor type X7R, which operates over
a temperature range of −55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of −55°C to +85°C. Many large value ceramic capacitors,
larger than 1uF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance can drop by more
than 50% as the temperature varies from 25°C to 85°C. Therefore, X5R or X7R is recommended over Z5U and
Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Feed-Forward Capacitor (CFF)
RY8310 has internal loop compensation, so adding CFF is optional. Specifically, for specific applications, if
necessary, consider whether to add feed-forward capacitors according to the situation.
The use of a feed-forward capacitor (CFF) in the feedback network is to improve the transient response or higher
phase margin. For optimizing the feed-forward capacitor, knowing the cross frequency is the first thing. The cross
frequency (or the converter bandwidth) can be determined by using a network analyzer. When getting the cross
frequency with no feed-forward capacitor identified, the value of feed-forward capacitor (CFF) can be calculated
with the following Equation:
������������������������������������= 1
2�������������������������������������������������������������������������������������1������������1�1������������1+1������������2�
Where FCROSS is the cross frequency.
To reduce transient ripple, the feed-forward capacitor value can be increased to push the cross frequency to higher
region. Although this can improve transient response, it also decreases phase margin and cause more ringing. In the
other hand, if more phase margin is desired, the feed-forward capacitor value can be decreased to push the cross
frequency to lower region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com