Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 4 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 4 Page - RYCHIP Semiconductor Inc.

  RY8310 Datasheet HTML 1Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 2Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 3Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 4 / 13
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
Thermal Information
Item
Description
Value
Unit
RθJA
Junction-to-ambient thermal resistance (1)(2)
105
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
3.5
°C/W
ψJB
Junction-to-board characterization parameter
17.5
°C/W
Note (1): The package thermal impedance is calculated in accordance to JESD 51-7.
Note (2): Thermal Resistances were simulated on a 4-layer, JEDEC board.
Electrical Characteristics (1) (2)
VIN=12V, TA=25°C, unless otherwise specified.
Parameter
Test Conditions
Min
Typ.
Max
Unit
Input Voltage Range
4.5
30
V
Supply Current (Quiescent)
VEN =3.0V
0.6
0.8
mA
Supply Current (Shutdown)
VEN =0 or EN = GND
4
uA
Feedback Voltage
0.780
0.800
0.820
V
High-Side Switch On-Resistance
ISW=100mA
200
mΩ
Low-Side Switch On-Resistance
ISW=-100mA
150
mΩ
Upper Switch Current Limit
2
A
Over Voltage Protection Threshold
30.8
V
Switching Frequency
1.4
MHz
Maximum Duty Cycle
VFB=90%
92
%
Minimum On-Time
90
nS
EN Rising Threshold
1.3
V
EN Falling Threshold
0.9
V
Under-Voltage Lockout Threshold
Wake up VIN Voltage
3.6
3.8
V
Shutdown VIN Voltage
3.1
3.3
V
Hysteresis VIN voltage
300
mV
Soft Start
1
mS
Thermal Shutdown
160
℃
Thermal Hysteresis
30
℃
Note (1): MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.
Note (2): Thermal shutdown specifications are guaranteed by correlation to the design and characteristics analysis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com