Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 5 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 5 Page - RYCHIP Semiconductor Inc.

  RY8310 Datasheet HTML 1Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 2Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 3Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 5 / 13
Typical Performance Characteristics (1) (2)
Note (1): Performance waveforms are tested on the evaluation board.
Note (2): VIN =12V, VOUT=3.3V, TA = +25ºC, unless otherwise noted.
Efficiency vs Load Current
VOUT=5V, 3.3V, 1.2V
Output Ripple Voltage
VIN=12V, VOUT=3.3V, IOUT=0A
Loop Response
VIN=12V, VOUT=3.3V, IOUT=0.6A-1.2A
Load Regulation
VOUT=5V, 3.3V, 1.2
Output Ripple Voltage
VIN=12V, VOUT=3.3V, IOUT=0.6A
Output Short
VIN=12V, VOUT=3.3V
Line Regulation
VOUT=3.3V
Output Ripple Voltage
VIN=12V, VOUT=3.3V, IOUT=1.2A
Short Circuit Entry
VIN=12V, VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com