Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 9 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 9 Page - RYCHIP Semiconductor Inc.

Back Button RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 13Page - RYCHIP Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 9 / 13
Applications Information
Setting the Output Voltage
RY8310 require an input capacitor, an output capacitor and an inductor. These components are critical to the
performance of the device. RY8310 are internally compensated and do not require external components to achieve
stable operation. The output voltage can be programmed by resistor divider.
������������������������������������������������=������������������������������������������������1+������������2������������2
VOUT(V)
R1(KΩ)
R2(KΩ)
L1(μH)
C1(nF)
CIN(μF)
COUT(μF)
CFF (pF) Opt.
1.0
2.50
10
2.2
100
22
22×2
CFF Chapter
1.05
3.13
10
2.2
100
22
22×2
CFF Chapter
1.2
5.00
10
2.2
100
22
22×2
CFF Chapter
1.5
8.75
10
2.2
100
22
22×2
CFF Chapter
1.8
12.50
10
3.3
100
22
22×2
CFF Chapter
2.5
21.25
10
3.3
100
22
22×2
CFF Chapter
3.3
31.25
10
4.7
100
22
22×2
CFF Chapter
5.0
52.50
10
4.7
100
22
22×2
CFF Chapter
All the external components are the suggested values, the final values are based on the application testing results.
Selecting the Inductor
The recommended inductor values are shown in the Application Diagram. It is important to guarantee the inductor
core does not saturate during any foreseeable operational situation. The inductor should be rated to handle the
maximum inductor peak current: Care should be taken when reviewing the different saturation current ratings that
are specified by different manufacturers. Saturation current ratings are typically specified at 25°C, so ratings at
maximum ambient temperature of the application should be requested from the manufacturer. The inductor value
can be calculated with:
������������=������������������������������������������������×(������������������������������������−������������������������������������������������)
������������������������������������×∆������������������������×������������������������������������������������
Where ΔIL is the inductor ripple current. Choose inductor ripple current to be approximately 30% to 40% of the
maximum load current. The maximum inductor peak current can be estimated as:
������������������������(������������������������������������)=������������������������������������������������������������+∆������������������������2
Under light load conditions below 100mA, larger inductance is recommended for improved efficiency. Larger
inductances lead to smaller ripple currents and voltages, but they also have larger physical dimensions, lower
saturation currents and higher linear impedance. Therefore, the choice of inductance should be compromised
according to the specific application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com