Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8310 Datasheet(PDF) 12 Page - RYCHIP Semiconductor Inc.

Part # RY8310
Description  30V 1.2A 1.4MHz Synchronous Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8310 Datasheet(HTML) 12 Page - RYCHIP Semiconductor Inc.

Back Button RY8310 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. RY8310 Datasheet HTML 13Page - RYCHIP Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
RY8310
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
30V 1.2A 1.4MHz Synchronous Step-Down Regulator
Page 12 / 13
PC Board Layout Consideration
PCB layout is very important to achieve stable operation. It is highly recommended to duplicate EVB layout for
optimum performance. If change is necessary, please follow these guidelines for reference.
1. Keep the path of switching current short and minimize the loop area formed by Input capacitor, high-side
MOSFET and low-side MOSFET.
2. Bypass ceramic capacitors are suggested to be put close to the VIN Pin.
3. Ensure all feedback connections are short and direct. Place the feedback resistors and compensation
components as close to the chip as possible.
4. VOUT, SW away from sensitive analog areas such as FB.
5. Connect IN, SW, and especially GND respectively to a large copper area to cool the chip to improve thermal
performance and long-term reliability.
Top Layer
Bottom Layer
Sample Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com