Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RY8411 Datasheet(PDF) 8 Page - RYCHIP Semiconductor Inc.

Part # RY8411
Description  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RYCHIP [RYCHIP Semiconductor Inc.]
Direct Link  https://www.rychip.com/en/
Logo RYCHIP - RYCHIP Semiconductor Inc.

RY8411 Datasheet(HTML) 8 Page - RYCHIP Semiconductor Inc.

Back Button RY8411 Datasheet HTML 4Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 5Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 6Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 7Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 8Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 9Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 10Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 11Page - RYCHIP Semiconductor Inc. RY8411 Datasheet HTML 12Page - RYCHIP Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
RY8411
Email: support@rychip.com
http://www.rychip.com
©RYCHIP Semiconductor Inc.
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Page 8 / 13
Internal Soft-Start
The soft-start is implemented to prevent the converter output voltage from overshooting during startup. When the
chip starts, the internal circuitry generates a soft-start voltage (SS) ramping up from 0V to 0.8V. When it is lower
than the internal reference (REF), SS overrides REF so the error amplifier uses SS as the reference. When SS is
higher than REF, REF regains control. The SS time is internally max to 1ms.
Over Current Protection with Foldback
The RY8411 has cycle-by-cycle over current limit when the inductor current peak value exceeds the set current
limit threshold. Meanwhile, output voltage starts to drop until FB is below the Under-Voltage (UV) threshold. When
the output is shorted to the ground, the switching frequency is folded back and the current limit is reduced to lower
the short circuit current. The frequency foldback helps prevent inductor current runaway and thermal issue during
short circuit. The RY8411 exits the foldback mode once the over current condition is removed.
Startup and Shutdown
If both VIN and EN are higher than their appropriate thresholds, the chip starts. The reference block starts first,
generating stable reference voltage and currents, and then the internal regulator is enabled. The regulator provides
stable supply for the remaining circuitries. Three events can shut down the chip: EN low, VIN low and thermal
shutdown. In the shutdown procedure, the signaling path is first blocked to avoid any fault triggering. The comp
voltage and the internal supply rail are then pulled down. The floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com