Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MRF5S4140HR3 MRF5S4140HSR3
3
RF Device Data
Freescale Semiconductor
Figure 1. MRF5S4140HR3(SR3) Test Circuit Schematic — 460-470 MHz
Z1
0.402″ x 0.080″ Microstrip
Z2
1.266″ x 0.080″ Microstrip
Z3
0.211″ x 0.220″ Microstrip
Z4
0.139″ x 0.220″ Microstrip
Z5
0.239″ x 0.220″ Microstrip
Z6
0.040″ x 0.640″ Microstrip
Z7
0.080″ x 0.640″ Microstrip
Z8
0.276″ x 0.640″ Microstrip
Z9
1.000″ x 0.226″ Microstrip
Z10
0.498″ x 0.630″ Microstrip
Z11
0.125″ x 0.220″ Microstrip
Z12
0.324″ x 0.220″ Microstrip
Z13
0.050″ x 0.220″ Microstrip
Z14
0.171″ x 0.080″ Microstrip
Z15
0.377″ x 0.080″ Microstrip
Z16
0.358″ x 0.080″ Microstrip
Z17
0.361″ x 0.080″ Microstrip
Z18
0.131″ x 0.080″ Microstrip
Z19
0.277″ x 0.080″ Microstrip
PCB
Arlon GX-0300-55-22, 0.030″, εr = 2.55
Z1
RF
INPUT
C1
C4
Z2
Z3
Z4
Z5
Z6
C5
DUT
Z8
Z10
C12
C14
RF
OUTPUT
C2
Z7
Z11
Z12
Z13
Z16
Z17
Z18
Z19
C8
B2
VBIAS
L1
C16
C17
C19
C20
C22
VSUPPLY
+
+
+
C9
C10
C15
Z15
Z14
C13
C18
+
R1
C11
C3
C6
C7
C21
+
Z9
B1
Table 5. MRF5S4140HR3(SR3) Test Circuit Component Designations and Values — 460-470 MHz
Part
Description
Part Number
Manufacturer
B1, B2
Ferrite Beads, Short
2743019447
Fair-Rite
C1, C14
120 pF Chip Capacitors
100B121JP500X
ATC
C2, C13
0.8-8.0 pF Variable Capacitors, Gigatrim
27291SL
Johanson
C3
18 pF Chip Capacitor
100B180JP500X
ATC
C4
30 pF Chip Capacitor
100B300JP500X
ATC
C5
24 pF Chip Capacitor
100B240JP500X
ATC
C6, C7
13 pF Chip Capacitors
100B130JP500X
ATC
C8
0.02 μF, 50 V Chip Capacitor
200B203MW50B
ATC
C9, C10
22 pF Chip Capacitors
100B220JP500X
ATC
C11
1.0 pF Chip Capacitor
100B1R0JP500X
ATC
C12
5.6 pF Chip Capacitor
100B5R6JP500X
ATC
C15
1.5 pF Chip Capacitor
100B1R5JP500X
ATC
C16
47 pF Chip Capacitor
100B47JP500X
ATC
C17
0.56 μF, 50 V Chip Capacitor
C1825C564J5GAC
Kemet
C18, C19, C20, C21
10 μF, 35 V Tantalum Chip Capacitors
T491D106K035AS
Kemet
C22
470 μF, 63 V Electrolytic Capacitor
SME63V471M12X25LL
United Chemi-Con
L1
39 nH Inductor
1812SMS-39N
Coilcraft
R1
100 Ω, 1/4 W Chip Resistor (1210)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com