Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 14Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 15Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 16Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 17Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 18Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 19Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 20Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
RF Device Data
Freescale Semiconductor
MRF5S4140HR3 MRF5S4140HSR3
Zo = 2 Ω
Zload
Zsource
f = 519 MHz
f = 469 MHz
f = 469 MHz
f = 519 MHz
VDD = 28 Vdc, IDQ = 1250 mA, Pout = 28 W Avg.
f
MHz
Zsource
W
Zload
W
469
0.454 - j0.742
1.08 - j0.129
474
0.510 - j0.637
1.12 + j0.043
479
0.467 - j0.581
1.07 + j0.160
484
0.495 - j0.513
1.09 + j0.294
489
0.495 - j0.457
1.12 + j0.430
494
0.478 - j0.360
1.16 + j0.573
499
0.505 - j0.295
1.18 + j0.586
504
0.502 - j0.249
1.11 + j0.653
509
0.502 - j0.048
1.07 + j0.810
514
0.499 + j0.002
1.03 + j1.01
519
0.502 + j0.003
1.03 + j1.10
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured
from drain to ground.
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
Figure 23. Series Equivalent Source and Load Impedance — 489-499 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com