Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  27291SL Datasheet HTML 1Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MRF5S4140HR3 MRF5S4140HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 460-470 MHz
−9
−1
−3
−5
−7
−13
490
430
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 3. Single-Carrier N-CDMA Broadband Performance
@ Pout = 28 Watts Avg.
480
470
460
450
440
−70
38
32
26
−40
−50
−55
ηD
−60
−45
29
35
21.5
21
20
19
18
17
16
17.5
18.5
19.5
20.5
ALT1
−12
−2
−4
−6
−10
−14
490
430
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 4. Single-Carrier N-CDMA Broadband Performance
@ Pout = 56 Watts Avg.
480
470
460
450
440
−60
55
45
35
−35
−45
−50
ηD
−55
−40
40
50
20.8
20.3
19.3
18.3
17.3
16.3
15.8
16.8
17.8
18.8
19.8
ALT1
Figure 5. Two-Tone Power Gain versus
Output Power
100
17
23
6
IDQ = 1850 mA
1550 mA
Pout, OUTPUT POWER (WATTS) PEP
21
19
10
400
650 mA
VDD = 28 Vdc, f1 = 465 MHz, f2 = 467.5 MHz
Two−Tone Measurements, 2.5 MHz Tone Spacing
950 mA
Figure 6. Third Order Intermodulation Distortion
versus Output Power
−15
IDQ = 650 mA
Pout, OUTPUT POWER (WATTS) PEP
100
−20
−25
−35
−45
10
−10
950 mA
1850 mA
400
1550 mA
VDD = 28 Vdc, f1 = 465 MHz, f2 = 467.5 MHz
Two−Tone Measurements, 2.5 MHz Tone Spacing
22
20
18
1250 mA
−40
1250 mA
16.5
−65
−11
VDD = 28 Vdc, Pout = 28 W (Avg.)
IDQ = 1250 mA, N−CDMA IS−95
(Pilot, Sync, Paging, Traffic Codes
8 Through 13)
−8
−30
VDD = 28 Vdc, Pout = 56 W (Avg.)
IDQ = 1250 mA, N−CDMA IS−95
(Pilot, Sync, Paging, Traffic Codes
8 Through 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com