Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 11Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 12Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 13Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 14Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 15Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 16Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 17Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 18Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MRF5S4140HR3 MRF5S4140HSR3
15
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 489-499 MHz
−11
−5
−8
−17
510
480
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 21. Single-Carrier N-CDMA Broadband Performance
@ Pout = 28 Watts Avg.
505
500
495
490
485
−65
33
29
25
−45
−55
−60
ηD
−50
27
31
21.7
21.4
20.8
20.2
19.9
19.3
19
19.6
20.5
21.1
ALT1
−14
VDD = 28 Vdc, Pout = 28 W (Avg.), IDQ = 1250 mA
N−CDMA IS−95 (Pilot, Sync, Paging, Traffic Codes
8 Through 13)
−12
−6
−8
−10
−16
510
480
f, FREQUENCY (MHz)
Figure 22. Single-Carrier N-CDMA Broadband Performance
@ Pout = 56 Watts Avg.
505
500
495
490
485
−60
47
42
37
−35
−45
−50
−55
−40
39.5
44.5
22
21.5
20.5
19.5
18.5
17.5
17
18
19
20
21
−14
IRL
Gps
ACPR
ηD
ALT1
VDD = 28 Vdc, Pout = 56 W (Avg.), IDQ = 1250 mA
N−CDMA IS−95 (Pilot, Sync, Paging, Traffic
Codes 8 Through 13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com