Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27291SL Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 27291SL
Description  N-Channel Enhancement-Mode Lateral MOSFETs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

27291SL Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 27291SL Datasheet HTML 2Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 3Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 4Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 5Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 6Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 7Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 8Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 9Page - Freescale Semiconductor, Inc 27291SL Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
RF Device Data
Freescale Semiconductor
MRF5S4140HR3 MRF5S4140HSR3
TYPICAL CHARACTERISTICS — 460-470 MHz
Figure 7. Intermodulation Distortion Products
versus Output Power
100
−60
−25
7th Order
Pout, OUTPUT POWER (WATTS) PEP
5th Order
3rd Order
−35
−40
−45
−50
200
VDD = 28 Vdc, IDQ = 1250 mA, f1 = 465 MHz
f2 = 467.5 MHz, Two−Tone Measurements
−30
10
Figure 8. Intermodulation Distortion Products
versus Tone Spacing
10
−50
0
7th Order
TWO−TONE SPACING (MHz)
5th Order
3rd Order
−20
−30
−40
160
−10
0.1
VDD = 28 Vdc, Pout = 100 W (PEP)
IDQ = 1250 mA, Two−Tone Measurements
(f1 + f2)/2 = Center Frequency of 465 MHz
Figure 9. Pulse CW Output Power versus
Input Power
39
60
P6dB = 53.57 dBm (227 W)
Pin, INPUT POWER (dBm)
VDD = 28 Vdc, IDQ = 1250 mA
Pulsed CW, 8
μsec(on), 1 msec(off)
f = 465 MHz
56
52
44
40
31
27
35
Actual
Ideal
48
19
23
P3dB = 52.99 dBm (198 W)
P1dB = 52.21 dBm (166 W)
Figure 10. Single-Carrier N-CDMA ACPR, ALT1, Power Gain
and Drain Efficiency versus Output Power
0
−75
Pout, OUTPUT POWER (WATTS) AVG.
50
−35
40
−43
30
−51
20
−59
−67
110
10
VDD = 28 Vdc, IDQ = 1250 mA, f = 465 MHz
N−CDMA IS−95 (Pilot, Sync, Paging
Traffic Codes 8 Through 13)
Gps
ηD
ACPR
ALT1
TC = −30_C
85
_C
25
_C −30_C
25
_C
60
25
_C
85
_C
25
_C
−30
_C
85
_C
−55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com