Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20KC Datasheet(PDF) 61 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 61 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 57Page - Altera Corporation APEX20KC Datasheet HTML 58Page - Altera Corporation APEX20KC Datasheet HTML 59Page - Altera Corporation APEX20KC Datasheet HTML 60Page - Altera Corporation APEX20KC Datasheet HTML 61Page - Altera Corporation APEX20KC Datasheet HTML 62Page - Altera Corporation APEX20KC Datasheet HTML 63Page - Altera Corporation APEX20KC Datasheet HTML 64Page - Altera Corporation APEX20KC Datasheet HTML 65Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Altera Corporation
61
APEX 20KC Programmable Logic Device Data Sheet
Table 30. SSTL-2 Class II Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
2.375
2.5
2.625
V
VTT
Termination voltage
VREF – 0.04
VREF
VREF + 0.04
V
VREF
Reference voltage
1.15
1.25
1.35
V
VIH
High-level input
voltage
VREF + 0.18
VCCIO + 0.3
V
VIL
Low-level input
voltage
–0.3
VREF – 0.18
V
VOH
High-level output
voltage
IOH = –15.2 mA (1)
VTT + 0.76
V
VOL
Low-level output
voltage
IOL = 15.2 mA (2)
VTT – 0.76
V
Table 31. SSTL-3 Class I Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.0
3.3
3.6
V
VTT
Termination voltage
VREF – 0.05
VREF
VREF + 0.05
V
VREF
Reference voltage
1.3
1.5
1.7
V
VIH
High-level input
voltage
VREF + 0.2
VCCIO + 0.3
V
VIL
Low-level input
voltage
–0.3
VREF – 0.2
V
VOH
High-level output
voltage
IOH = –8 mA (1)
VTT + 0.6
V
VOL
Low-level output
voltage
IOL = 8 mA (2)
VTT – 0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com