Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20KC Datasheet(PDF) 11 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 11 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation APEX20KC Datasheet HTML 10Page - Altera Corporation APEX20KC Datasheet HTML 11Page - Altera Corporation APEX20KC Datasheet HTML 12Page - Altera Corporation APEX20KC Datasheet HTML 13Page - Altera Corporation APEX20KC Datasheet HTML 14Page - Altera Corporation APEX20KC Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
Altera Corporation
11
APEX 20KC Programmable Logic Device Data Sheet
The LAB-wide control signals can be generated from the LAB local
interconnect, global signals, and dedicated clock pins. The inherent low
skew of the FastTrack interconnect enables it to be used for clock
distribution. Figure 4 shows the LAB control signal generation circuit.
Figure 4. LAB Control Signal Generation
Notes to Figure 4:
(1)
The LABCLR1 and LABCLR2 signals also control asynchronous load and asynchronous preset for LEs within the
LAB.
(2)
The SYNCCLR signal can be generated by the local interconnect or global signals.
Logic Element
The LE, the smallest unit of logic in the APEX 20KC architecture, is
compact and provides efficient logic usage. Each LE contains a four-input
LUT, which is a function generator that can quickly implement any
function of four variables. In addition, each LE contains a programmable
register and carry and cascade chains. Each LE drives the local
interconnect, MegaLAB interconnect, and FastTrack interconnect routing
structures. See Figure 5.
SYNCCLR
or LABCLK2
(2)
SYNCLOAD
or LABCLKENA2
LABCLK1
LABCLKENA1
LABCLR2
(1)
LABCLR1
(1)
Dedicated
Clocks
Global
Signals
Local
Interconnect
Local
Interconnect
Local
Interconnect
Local
Interconnect
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com