Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APEX20KC Datasheet(PDF) 87 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 87 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 82Page - Altera Corporation APEX20KC Datasheet HTML 83Page - Altera Corporation APEX20KC Datasheet HTML 84Page - Altera Corporation APEX20KC Datasheet HTML 85Page - Altera Corporation APEX20KC Datasheet HTML 86Page - Altera Corporation APEX20KC Datasheet HTML 87Page - Altera Corporation APEX20KC Datasheet HTML 88Page - Altera Corporation APEX20KC Datasheet HTML 89Page - Altera Corporation APEX20KC Datasheet HTML 90Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Altera Corporation
87
APEX 20KC Programmable Logic Device Data Sheet
SRAM configuration elements allow APEX 20KC devices to be
reconfigured in-circuit by loading new configuration data into the device.
Real-time reconfiguration is performed by forcing the device into
command mode with a device pin, loading different configuration data,
reinitializing the device, and resuming user-mode operation. In-field
upgrades can be performed by distributing new configuration files.
Configuration Schemes
The configuration data for an APEX 20KC device can be loaded with one
of five configuration schemes (see Table 70), chosen on the basis of the
target application. An EPC16, EPC2, or EPC1 configuration device,
intelligent controller, or the JTAG port can be used to control the
configuration of an APEX 20KC device. When a configuration device is
used, the system can configure automatically at system power-up.
Multiple APEX 20KC devices can be configured in any of five
configuration schemes by connecting the configuration enable (nCE) and
configuration enable output (nCEO) pins on each device.
f For more information on configuration, see Application Note 116
(Configuring SRAM-Based LUT Devices).
Device Pin-
Outs
See the Altera web site (http://www.altera.com) or the Altera Digital
Library
for pin-out information.
Ordering
Information
Figure 39 describes the ordering codes for Stratix devices. For more
information on a specific package, refer to the Altera Device Package
Information Data Sheet.
Table 70. Data Sources for Configuration
Configuration Scheme
Data Source
Configuration device
EPC16, EPC8, EPC4, EPC2, or EPC1 configuration device
Passive serial (PS)
MasterBlaster or ByteBlasterMV download cable or serial data source
Passive parallel asynchronous (PPA)
Parallel data source
Passive parallel synchronous (PPS)
Parallel data source
JTAG
MasterBlaster or ByteBlasterMV download cable or a microprocessor
with a Jam Standard Test and Programming Language (STAPL) or
JBC File



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com