Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDC Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 23Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 24Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 25Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 26Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 27Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 28Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 29Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 30Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
27
Ethernet and MII Management
The following figure shows the RMII receive AC timing diagram.
Figure 16. RMII Receive AC Timing Diagram
8.3
Ethernet Management Interface Electrical Characteristics
The electrical characteristics specified here apply to MII management interface signals MDIO
(management data input/output) and MDC (management data clock). The electrical characteristics for
MII, and RMII are specified in Section 8.1, “Ethernet Controller (10/100 Mbps)—MII/RMII Electrical
Characteristics.”
8.3.1
MII Management DC Electrical Characteristics
MDC and MDIO are defined to operate at a supply voltage of 3.3 V. The DC electrical characteristics for
MDIO and MDC are provided in the following table.
8.3.2
MII Management AC Electrical Specifications
The following table provides the MII management AC timing specifications.
Table 24. MII Management DC Electrical Characteristics When Powered at 3.3 V
Parameter
Symbol
Conditions
Min
Max
Unit
Supply voltage (3.3 V)
OVDD
—3
3.6
V
Output high voltage
VOH
IOH = –1.0 mA
OVDD =Min
2.40
OVDD + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
OVDD = Min
GND
0.50
V
Input high voltage
VIH
—2.00
V
Input low voltage
VIL
0.80
V
Input current
IIN
0 V
 VIN  OVDD
—±5
A
Table 25. MII Management AC Timing Specifications
At recommended operating conditions with OVDD is 3.3 V ± 300mV.
Parameter/Condition
Symbol1
Min
Typical
Max
Unit
Note
MDC frequency
fMDC
—2.5
MHz
MDC period
tMDC
—400
ns
MDC clock pulse width high
tMDCH
32
ns
REF_CLK
RXD[1:0]
tRMRDXKH
tRMX
tRMXH
tRMXR
tRMXF
CRS_DV
RX_ER
tRMRDVKH
Valid Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com