Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 2Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 3Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 4Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 5Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 6Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 7Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 8Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 9Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
6
Freescale Semiconductor
Overview
— Card bus clock frequency up to 33.33 MHz.
— Supports 1-/4-bit SD and SDIO modes, 1-/4-bit modes
– Up to 133 Mbps data transfer for SD/SDIO/MMC cards using 4 parallel data lines
— Supports block sizes of 1 ~ 4096 bytes
Universal serial bus (USB) dual-role controller
— Designed to comply with Universal Serial Bus Revision 2.0 Specification
— Supports operation as a stand-alone USB host controller
— Supports operation as a stand-alone USB device
— Supports high-speed (480-Mbps), full-speed (12-Mbps), and low-speed (1.5-Mbps) operations.
Low speed is only supported in host mode.
FlexCAN module
— Full implementation of the CAN protocol specification version 2.0B
— Up to 64 flexible message buffers of zero to eight bytes data length
— Powerful Rx FIFO ID filtering, capable of matching incoming IDs
— Selectable backwards compatibility with previous FlexCAN module version
— Programmable loop-back mode supporting self-test operation
— Global network time, synchronized by a specific message
— Independent of the transmission medium (an external transceiver is required)
— Short latency time due to an arbitration scheme for high-priority messages
Dual I2C interfaces
— Two-wire interface
— Multiple-master support
— Master or slave I2C mode support
— On-chip digital filtering rejects spikes on the bus
—I2C1 can be used as the boot sequencer
DMA Engine1
— Support for the DMA engine with the following features:
– Sixteen DMA channels
– All data movement via dual-address transfers: read from source, write to destination
– Transfer control descriptor (TCD) organized to support two-deep, nested transfer operations
– Channel activation via one of two methods (for both the methods, one activation per
execution of the minor loop is required):
– Explicit software initiation
– Initiation via a channel-to-channel linking mechanism for continuous transfers
(independent channel linking at end of minor loop and/or major loop)
– Support for fixed-priority and round-robin channel arbitration
– Channel completion reported via optional interrupt requests
— Support for scatter/gather DMA processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com