Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDC Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 73Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 74Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 75Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 76Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 77Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 78Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 79Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 80Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 81Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 80 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
80
Freescale Semiconductor
Document Revision History
27 Document Revision History
The following table provides a revision history for this document.
Table 68. Document Revision History
Rev.
No.
Date
Substantive Change(s)
4
12/2014
• In Table 20 an Table 21, VIL(min) is replaced with VIL(max) and VIH(max) is replaced with VIL(min)
• Removed following signals from Table 55:
– FEC1_TMR_TX_ESFD
– FEC1_TMR_RX_ESFD
– FEC2_TMR_TX_ESFD
– FEC2_TMR_RX_ESFD
3
04/2014
• Re-introduced subsection 8.3.3 IEEE 588 DC Specifications and 8.3.4 IEEE1588 AC Specifications
2
08/2012
• In Table 55, Swapped CLK 13 and CLK14.
•In Table 55, Following test signals are now hidden, as these are only for internal use and there are no
use cases for customers:
– BOOT_ROM_ADDR[2] to BOOT_ROM_ADDR[12]
– BOOT_ROM_RDATA[0] to BOOT_ROM_RDATA[31]
– BOOT_ROM_MOD_EN, BOOT_ROM_RWB, BOOT_ROM_XFR_WAIT, BOOT_ROM_XFR_ERR
– UC1_URM, UC2_URM, UC3_URM, UC5_URM, UC7_URM, AND URM_TRIG
– QE_TRB_O, QE_TRB_I
•In Table 55, signal name FEC3_TMR_TX_ESFD is changed to FEC2_TMR_TX_ESFD and
FEC3_TMR_RX_ESFD is changed to FEC2_TMR_RX_ESFD.
1
08/2011
• Updated QUICC Engine frequency in Table 5.
• Updated QUICC Engine frequency from 200 MHz to 233 MHz in Table 63.
• Updated CEPMF and CEDF as per new QE frequency in Table 63.
• Updated QUICC Engine frequency to 233 MHz in Table 66.
• Corrected LCCR to LCRR for all instances.
0
03/2011
Initial Release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com