Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8309CVMADDC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8309CVMADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8309CVMADDC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8309CVMADDC Datasheet HTML 9Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 10Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 11Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 12Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 13Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 14Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 15Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 16Page - NXP Semiconductors MPC8309CVMADDC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
MPC8309 PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
13
RESET Initialization
4.2
AC Electrical Characteristics
The primary clock source for the MPC8309 can be one of two inputs, SYS_CLK_IN or PCI_SYNC_IN,
depending on whether the device is configured in PCI host or agent mode. The following table provides
the clock input (SYS_CLK_IN/PCI_SYNC_IN) AC timing specifications for the MPC8309. These
specifications are also applicable for QE_CLK_IN.
5
RESET Initialization
This section describes the AC electrical specifications for the reset initialization timing requirements of
the MPC8309. The following table provides the reset initialization AC timing specifications for the reset
component(s).
Table 8. SYS_CLK_IN AC Timing Specifications
Parameter/Condition
Symbol
Min
Typical
Max
Unit
Note
SYS_CLK_IN frequency
fSYS_CLK_IN
24
66.67
MHz
1
SYS_CLK_IN cycle time
tSYS_CLK_IN
15
41.6
ns
SYS_CLK_IN rise and fall time
tKH, tKL
1.1
2.8
ns
2
PCI_SYNC_IN rise and fall time
tPCH, tPCL
1.1
2.8
ns
2
SYS_CLK_IN duty cycle
tKHK/tSYS_CLK_
IN
40
60
%
3
SYS_CLK_IN jitter
±150
ps
4, 5
Notes:
1. Caution: The system, core and QUICC Engine block must not exceed their respective maximum or minimum operating
frequencies.
2. Rise and fall times for SYS_CLK_IN are measured at 0.33 and 2.97 V.
3. Timing is guaranteed by design and characterization.
4. This represents the total input jitter—short term and long term—and is guaranteed by design.
5. The SYS_CLK_IN driver’s closed loop jitter bandwidth should be < 500 kHz at –20 dB. The bandwidth must be set low to
allow cascade-connected PLL-based devices to track SYS_CLK_IN drivers with the specified jitter.
6. Spread spectrum is allowed up to 1% down-spread @ 33kHz (max rate).
Table 9. RESET Initialization Timing Specifications
Parameter/Condition
Min
Max
Unit
Note
Required assertion time of HRESET to activate reset flow
32
tSYS_CLK_IN
1
Required assertion time of PORESET with stable clock applied to
SYS_CLK_IN or PCI_SYNC_IN (in agent mode)
32
tSYS_CLK_IN
1
HRESET assertion (output)
512
tSYS_CLK_IN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com