| Electronic Components Datasheet Search |
|
ZIOL2102 Datasheet(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 Datasheet(HTML) 3 Page - Renesas Technology Corp |
|
3 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 3 April 26, 2016 List of Figures Figure 2.1 Max. Total Power Dissipation ................................................................................................................6 Figure 2.2 Efficiency of the DC/DC converter for VOUT=5V, C=10µF and L=10µH ............................................12 Figure 3.1 Functional Block Diagram of the ZIOL2xxx .........................................................................................13 Figure 3.2 ZIOL24xx Transceiver Data Path in Principle......................................................................................14 Figure 3.3 ZIOL22xx Transceiver Data Path in Principle......................................................................................15 Figure 3.4 ZIOL21xx Transceiver Data Path in Principle......................................................................................16 Figure 3.5 ZIOL24xx in Device and Master Mode Application..............................................................................19 Figure 3.6 Typical IO-Link Device Configuration with HS driver only ...................................................................22 Figure 3.7 Wake-Up Signal Recognition...............................................................................................................24 Figure 3.8 The Basic Scheme of the IC Self Protection .......................................................................................26 Figure 3.9 Memory Unit.........................................................................................................................................28 Figure 3.10 General timing of a byte transfer .........................................................................................................30 Figure 3.11 Structure of SPI accesses ...................................................................................................................31 Figure 3.12 SPI Command Structure ......................................................................................................................32 Figure 3.13 SPI Timing ...........................................................................................................................................34 Figure 3.14 Interrupt (INT_L pin) and Wake-up (WURQ_L pin) Signaling .............................................................45 Figure 3.15 COM Channel Lock Control .................................................................................................................46 Figure 3.16 AUX Channel Lock Control ..................................................................................................................47 Figure 3.17 Over-Temperature Lock Control ..........................................................................................................48 Figure 3.18 Internal IC Sensors and related Overload and Over-Temperature Detection Circuits ........................50 Figure 3.19 Low Voltage Supply Concept...............................................................................................................52 Figure 3.20 PFD Working Principle.........................................................................................................................53 Figure 3.21 DC/DC Converter in Principle ..............................................................................................................55 Figure 3.22 DC/DC Converter Output Voltage as Function of R1 (R2 = 10kOhms) ..............................................57 Figure 3.23 High frequency critical loops of DC/DC converter for PCB layout .......................................................58 Figure 3.24 PCB layout of Evaluation board as an example ..................................................................................59 Figure 4.1 Simplified Application Circuit with the ZIOL2xxx in Device Mode .......................................................60 Figure 4.2 Simplified Application Circuit with the ZIOL2xxx in Master Mode .......................................................61 Figure 4.3 Power Line Fail Detection ....................................................................................................................62 Figure 4.4 PCB Layout Recommendations...........................................................................................................63 Figure 6.1 Pin Diagram of the ZIOL2xxx...............................................................................................................68 Figure 6.2 Package Dimensions ...........................................................................................................................69 Figure 6.3 Top Marking of the ZIOL2xxx ..............................................................................................................70 Figure 6.4 Package Dimensions ...........................................................................................................................72 Figure 6.5 Package Dimensions WL-CSP ............................................................................................................73 Figure 6.6 Top Marking of the ZIOL2xxx CSP ......................................................................................................74 Figure 9.1 Register Representation in Principle (Example) ..................................................................................78 Figure 10.1 Peak Register Access Scenarios.........................................................................................................82 Figure 10.2 Overload Counter Behavior in permanent Over-Current Situations ....................................................83 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |