Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZIOL2102 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 79Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 80Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 81Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 82Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 83Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 84Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 85Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 86Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
83
April 26, 2016
Figure 10.2 Overload Counter Behavior in permanent Over-Current Situations
Channel
Driver
unlocked
Over-current
Reg[20]
Peak Counter
Reg[21:25]
Overload
Counter
Stored
Exception
Reg[18]
INT_L
Lock Reset
(lock counter
elapsed)
Assert time
Exception
(state signal)
Reg[20]
Assert time expired,
exception causes
INT_L = 0 (if configured)
locked
monitored current value exceeds the configured limit
overload counter equals
configured limit
time
time
time
time
time
time
INT_L follows state
signals (if configured)
INT_L follows stored
exceptions (if configured)
INT_L
Lock time
Lock time
Read Acces of
Peak Counter
(via SPI)
Since a locked channel is in high-impedance (high-z) state, no over-current can occur while a channel is locked.
Therefore overload counter starts immediately counting down when the lock is enabled.
In case of a permanent over-temperature situation the die temperature may not decrease at the point in time the
channel control started locking both channels as shown in Figure 10.3. In this case the overload counter does not
stop counting up if the configured assert time is expired. Finally the overload counter reaches its maximum value
of 255 (0xFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com