| Electronic Components Datasheet Search |
|
ZIOL2102 Datasheet(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 Datasheet(HTML) 4 Page - Renesas Technology Corp |
|
4 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 4 April 26, 2016 Figure 10.3 Overload Counter Behavior in permanent Over-Temperature Situations ...........................................84 Figure 10.4 Overload Counter Behavior in typical Over-Temperature Situations ..................................................85 Figure 10.5 Partial Reset of Overload Counter or the entire Lock circuit ...............................................................86 Figure 10.6 Configuration Checker Report of the ZIOL2xxx Application Kit (Example) .........................................88 List of Tables Table 1.1 ZIOL2xxx Product Matrix and Product Naming Convention ..................................................................5 Table 2.1 Absolute Maximum Ratings ...................................................................................................................6 Table 2.2 Operating Conditions .............................................................................................................................7 Table 2.3 Electrical Characteristics .......................................................................................................................8 Table 3.1 Master-Device-Mode Function Table...................................................................................................17 Table 3.2 Driver configurations ............................................................................................................................20 Table 3.3 Receiver configurations .......................................................................................................................21 Table 3.4 Sink Mode Configuration in Detail .......................................................................................................22 Table 3.5 Example for building the SHIFT Byte...................................................................................................32 Table 3.6 Valid Address and Length Combinations ............................................................................................32 Table 3.7 Register Table......................................................................................................................................35 Table 3.8 Temperature Sensor Levels ................................................................................................................51 Table 3.9 Examples for the resistors R1 and R2 using E96 resistor series ........................................................56 Table 4.1 Recommended External Components.................................................................................................64 Table 5.1 Pin Configuration and Latch-Up Conditions ........................................................................................65 Table 6.1 Availability of Pin Interconnections ......................................................................................................67 Table 6.2 Package Dimensions in mm ................................................................................................................69 Table 6.3 Availability of Pin Interconnections ......................................................................................................71 Table 6.4 Bump Pin Configuration .......................................................................................................................72 Table 6.5 Package Dimensions in mm ................................................................................................................73 Table 10.1 Abnormal Power Supply Situations .....................................................................................................90 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |