| Electronic Components Datasheet Search |
|
ZIOL2102 Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 92 page ![]() ZIOL2xxx Datasheet © 2016 Integrated Device Technology, Inc. 16 April 26, 2016 The (stripped down) IC versions ZIOL22xx/21xx contain only one channel. Figure 3.3 and Figure 3.4 show the data path of the ZIOL22xx versions and ZIOL21xx versions, respectively. The following chapters regarding details of the transmitter and receiver apply to IC versions with two channels (ZIOL24xx). The in the following described functionality applies to IC versions with one channel (ZIOL22xx/21xx) correspondingly. With the implicit understanding that one channel IC versions cannot perform tandem (master) mode operations or coordinated transceiver operations no explicit statement in the following chapters will reflect this. Figure 3.4 ZIOL21xx Transceiver Data Path in Principle Device Legend: AF: Analog Filter (on/off configurable) CS: Current Sink (on/off/strength configurable) DF: Digital Filter (on/off configurable) I1, I2: Transmit/Receive Data Inverter (on/off configurable) L: Data Latch, stores channel transmit status SPI: Serial Peripheral Interface Analog Block Digital Block AUX AUX_I AUX_O TX_EN/ SPI_CLK TX/ MOSI RX/ MISO COM_O COM_I AUX_TX AUX_EN AUX_RX AF Single channel transceiver SPI SPI_EN_L DF I2 CLK I1 Device DF I2 I1 CS ZIOL21xx Data Path RST_L INT_L WURQ_L Control MOSI MISO L L Conf.Reg[7][7:5] S0 S1 S2 S3 A B B B A B A A C EN TX RX OUT IN n.c. n.c. n.c. n.c. The master mode configuration flags MASTER_MODE, EN_FOLLOW_PRIM_CH and PRIMARY_MASTER_CH located in the MASTER_SENS_CTRL configuration register (refer to Table 3.7) control the switches S0, S1, S2 and S3 (Figure 3.2, Figure 3.3 and Figure 3.4) thus they control the actually used data path. In principle, the ZIOL2xxx IC family supports five data path types which are mentioned in Table 3.1. In case the MASTER_MODE flag is cleared (=0), the IC operates in device mode. For more information about the operation in device/master mode, please refer to chapter 3.2.2.1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |