Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZIOL2102 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # ZIOL2102
Description  IO-Link Compliant HV Line Driver IC Family
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZIOL2102 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button ZIOL2102 Datasheet HTML 51Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 52Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 53Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 54Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 55Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 56Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 57Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 58Page - Renesas Technology Corp ZIOL2102 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
ZIOL2xxx Datasheet
© 2016 Integrated Device Technology, Inc.
55
April 26, 2016
The converter runs independently from the two driver channels (COM/AUX) and their digital control state
machine. A reset has no influence on the DC/DC converter.
3.6.2.
Principle of Operation
Figure 3.21 shows the working principle of the DC/DC converter. Required external components are described in
chapter 3.6.3.
Figure 3.21 DC/DC Converter in Principle
Supply of External Applications
C1
R1
R2
err
amp
Control
CMP
A
Triangle
Linear
Regulator
delay
OSC
DIV
VDD_LV
SW
FB
VDD_HV
VIN
VOUT
VDD
LR_IN
VSS
DC_RDY
Vref
D1
en
= Function (building block) can be
enabled / disabled by corresponding
configuration register data.
en
Soft Start
Power-on
reset
C2
L1
The DC/DC converter senses the output voltage divided by the resistors R1 and R2 at pin FB. The difference
between this signal and the reference voltage is amplified and then transformed into a PWM signal by comparing
it with a triangular waveform. The PWM signal now enables and disables the output transistor. This results in a
pulse length modulated signal with an amplitude of VDD_HV and –VD (the Schottky diode forward drop) which is
then been filter via a second order LC filter to generate the output voltage VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com