Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2004TR Datasheet(PDF) 4 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 4 Page - International Rectifier

  IP2004TR Datasheet HTML 1Page - International Rectifier IP2004TR Datasheet HTML 2Page - International Rectifier IP2004TR Datasheet HTML 3Page - International Rectifier IP2004TR Datasheet HTML 4Page - International Rectifier IP2004TR Datasheet HTML 5Page - International Rectifier IP2004TR Datasheet HTML 6Page - International Rectifier IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Page 4 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Power Loss Curve
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
Output Current(A)
Typical
Maximum
VI = 12V
VD = 5.0V
VO = 1.3V
FSW = 1MHz
LO = 300nH
TBLK = 125ºC
Figure 1Power Loss versus Output Current
SOA Curve
0
4
8
12
16
20
24
28
32
36
40
44
0
1020
30405060
70
8090
100
110
120
130
PCB Temperature (ºC)
Tx
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Case Temperature (ºC)
VI = 12V
VD = 5.0V
VO = 1.3V
Fsw = 1MHz
LO = 300nH
Safe
Operating
Area
Figure 2 Safe Operating Area (SOA) versus PCB and CASE temperatures (See page 6 for details)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com