Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2004TR Datasheet(PDF) 8 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 8 Page - International Rectifier

Back Button IP2004TR Datasheet HTML 4Page - International Rectifier IP2004TR Datasheet HTML 5Page - International Rectifier IP2004TR Datasheet HTML 6Page - International Rectifier IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier IP2004TR Datasheet HTML 10Page - International Rectifier IP2004TR Datasheet HTML 11Page - International Rectifier IP2004TR Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Page 8 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Calculating SOA Temperature:
(Figure 3)
SOA temperature adjustment for input voltage
≈ -0.5ºC
(Figure 4)
SOA temperature adjustment for output voltage
≈ 5.5ºC
(Figure 5)
SOA temperature adjustment for drive voltage (VDD) ≈ -0.8 ºC
(Figure 6)
SOA temperature adjustment for output inductor
≈ 0.6 ºC
(Figure 7)
SOA temperature adjustment for switch frequency
≈ -1.9 ºC
TX axis intercept adjustment
≈ -0.5 ºC + 5.5 ºC - 0.8 ºC + 0.6 ºC - 1.9 ºC ≈ 2.9 ºC
Assuming TPCB = 95ºC & TCASE = 110ºC
The following example shows how the SOA current is adjusted for TX increase of 2.9ºC
0
4
8
12
16
20
24
28
32
36
40
44
0
10
2030
40
5060
7080
90
100
110
120
130
PCB Temperature (ºC)
Tx
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Case Temperature (ºC)
VI = 12V
VD = 5.0V
VO = 1.3V
Fsw = 1MHz
LO = 300nH
Safe
Operating
Area
1. Draw a line from Case Temperature axis to the PCB Temperature axis.
2. Draw a vertical line from the TX axis intercept to the SOA curve.
3. Draw a horizontal line from the intersection of the vertical line with the SOA curve to
the Y-axis (Output Current). The point at which the horizontal line meets the Y-axis is
the SOA continuous current.
4. Draw a new vertical line from the TX axis by adding or subtracting the SOA adjustment
temperature from the original TX intercept point.
5. Draw a horizontal line from the intersection of the new vertical line with the SOA curve
to the Y-axis (Output Current). The point at which the horizontal line meets the Y-axis
is the new SOA continuous current.
The SOA adjustment indicates the part is still allowed to run at a continuous current of 30A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com