Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2004TR Datasheet(PDF) 1 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 1 Page - International Rectifier

  IP2004TR Datasheet HTML 1Page - International Rectifier IP2004TR Datasheet HTML 2Page - International Rectifier IP2004TR Datasheet HTML 3Page - International Rectifier IP2004TR Datasheet HTML 4Page - International Rectifier IP2004TR Datasheet HTML 5Page - International Rectifier IP2004TR Datasheet HTML 6Page - International Rectifier IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Page 1 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Features
• 40A Multiphase building block
• No derating up to T
C = TPCB = 95ºC
• Optimized for low power loss
• Bias supply range of 4.5V to 6.0V
• Operation up to 1.5MHz
• Over temperature protection
• Bi-directional Current flow
• Under Voltage Lockout
• LGA interface
• 7.7mm x 7.7mm x 2.2mm package
Applications
• High frequency, Multi-phase
Converters
• Low Duty-Ratio, High Current
Microprocessor Power Supplies
• High Frequency Low Profile DC-DC
Converters
SYNCHRONOUS BUCK
LGA POWER BLOCK
Description
The iP2004 is a fully optimized solution for
high current synchronous buck multiphase
applications. Board space and design time
are greatly reduced because most of the
components required for each phase of a
typical discrete-based multiphase circuit
are integrated into a single 7.7mm x
7.7mm x 2.2mm power block. The only
additional components required for a
complete multiphase converter are a PWM
controller, the output inductors, and the
input and output capacitors.
Package
Description
Interface
Connection
Standard
Quantity
T & R
Orientation
iP2004
LGA
10
N/A
iP2004TR
LGA
2000
Figure 18
Typical Application
V
IN
V
SW
P
GND
P
GND
NC
PW M
ENABLE
V
DD
iP2004
V
IN
V
OUT
Vo3
Ph_En1
PW M1
Ph_En2
PW M2
5V_sns
V
CC
V
IN
OCSet1
V
SW1
OCSet1
V
SW2
V
SW1
V
SW2
GND
SS2
SS1
PGOOD2
PGOOD1
Comp2
Comp1
Rt
Track2
Track1
Sync
Seq
Enable
VP2
FB2
FB2
VP2
VP1
Vref
FB1
VP2
FB2
V
OUT
V
SWS1
V
SWS2
V
IN
V
SW
P
GND
P
GND
PW M
ENABLE
V
DD
iP2004
NC
V
SWS1
V
SWS2
IR3623


Similar Part No. - IP2004TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP200 ETC-IP200 Datasheet
301Kb / 30P
Interpolation Circuit for Incremental Measuring Systems
logo
International Rectifier
IP2001 IRF-IP2001 Datasheet
806Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001 IRF-IP2001 Datasheet
651Kb / 8P
500kHz, 40A, 2-phase Synchronous Buck Converter using iP2001
IP2001PBF IRF-IP2001PBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
IP2001TRPBF IRF-IP2001TRPBF Datasheet
473Kb / 10P
Synchronous Buck Multiphase Optimized BGA Power Block
More results

Similar Description - IP2004TR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP2003A IRF-IP2003A Datasheet
355Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Integrated Power Semiconductors, Drivers & Passives
IP2003PBF IRF-IP2003PBF Datasheet
335Kb / 9P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors, Drivers&Passives
IP2003APBF IRF-IP2003APBF Datasheet
352Kb / 10P
Synchronous Buck Multiphase Optimized LGA Power Block Intergrated Power Semiconductors,Drivers&Passives
IP1206PBF IRF-IP1206PBF Datasheet
936Kb / 30P
Synchronous Buck Multiphase Optimized LGA Power Block
IP2005APBF IRF-IP2005APBF Datasheet
814Kb / 18P
High Frequency Synchronous Buck Optimized LGA Power Stage
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP2005CTRPBF IRF-IP2005CTRPBF Datasheet
402Kb / 15P
Synchronous Buck Optimized LGA Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com