Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2004TR Datasheet(PDF) 6 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 6 Page - International Rectifier

Back Button IP2004TR Datasheet HTML 2Page - International Rectifier IP2004TR Datasheet HTML 3Page - International Rectifier IP2004TR Datasheet HTML 4Page - International Rectifier IP2004TR Datasheet HTML 5Page - International Rectifier IP2004TR Datasheet HTML 6Page - International Rectifier IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier IP2004TR Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Page 6 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
A
DC
V
Average
Input
Voltage
Average
Input
Current
P
IN = VIN Average x IIN Average
P
DD = VDD Average x IDD Average
P
OUT = VOUT Average x IOUT Average
P
LOSS = (PIN + PDD) - POUT
DC
V
Average
VDD
Voltage
A
Average
VDD
Current
iP2004
V
IN
V
SW
P
GND
P
GND
NC
PWM
ENABLE
V
DD
V
SWS1
A
Average Output
Current
Averaging
Circuit
V
Average
Output
Voltage
V
SWS2
Figure 9 Power Loss Test Circuit
t
PDH
t
PDL
PWM
V
SW
90%
10%
90%
10%
Figure 10 Timing Diagram
Applying the Safe Operating Area (SOA) Curve
The SOA graph incorporates power loss and thermal resistance information in a way that
allows one to solve for maximum current capability in a simplified graphical manner. It
incorporates the ability to solve thermal problems where heat is drawn out through the printed
circuit board and the top of the case. Please refer to International Rectifier Application Note
AN1047 for further details on using this SOA curve in your thermal environment.
Procedure
1. Calculate (based on estimated Power Loss) or measure the Case temperature on the
device and the Board temperature near the device (1mm from the edge).
2. Draw a line from Case Temperature axis to the PCB Temperature axis.
3. Draw a vertical line from the TX axis intercept to the SOA curve.
4. Draw a horizontal line from the intersection of the vertical line with the SOA curve to
the Y-axis (Output Current). The point at which the horizontal line meets the Y-axis is
the SOA continuous current.
0
4
8
12
16
20
24
28
32
36
40
44
0
10
20
30
40
50
60
70
80
90
100
110
120
130
PCB Temperature (ºC)
Tx
0
10
20
30
40
50
60
70
80
90
100
110
120
130
Case Temperature (ºC)
VI = 12V
VD = 5.0V
VO = 1.3V
Fsw = 1MHz
LO = 300nH
Safe
Operating
Area
Figure 11 SOA Example, Continuous current
≈ 30A for T
PCB = 95ºC & TCASE = 110ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com