Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2004TR Datasheet(PDF) 9 Page - International Rectifier

Part # IP2004TR
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004TR Datasheet(HTML) 9 Page - International Rectifier

Back Button IP2004TR Datasheet HTML 5Page - International Rectifier IP2004TR Datasheet HTML 6Page - International Rectifier IP2004TR Datasheet HTML 7Page - International Rectifier IP2004TR Datasheet HTML 8Page - International Rectifier IP2004TR Datasheet HTML 9Page - International Rectifier IP2004TR Datasheet HTML 10Page - International Rectifier IP2004TR Datasheet HTML 11Page - International Rectifier IP2004TR Datasheet HTML 12Page - International Rectifier IP2004TR Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Page 9 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Internal Block Diagram
MOSFET
Driver with
dead time
control
V
IN
V
SW
P
GND
V
DD
PWM
ENABLE
NC
V
SWS1
V
SWS2
1
2
6
3
4
5
7
89
P
GND
10
Figure 12 Internal Block Diagram
Pin Description
Pin Number
Pin Name
Description
1
NC
No Connect. This pin is not for electrical connection
2
ENABLE
When set to logic level high, internal circuitry of the device is enabled. When
set to logic level low, the Control and Synchronous FETs are turned off.
3
PWM
TTL level input to MOSFET drivers. When PWM is HIGH, the Control FET is
on and the Sync FET is off. When PWM is LOW, the Sync FET is on and the
Control FET is off.
4
VDD
Supply voltage to internal circuitry.
5
VSW
Voltage Switching Node – pin connection to the output inductor.
6, 10
PGND
Power Ground
7
VIN
Input voltage pin. Connect input capacitors close to this pin.
8
VSWS1
Floating pin. Externally connect to VSWS2 only.
9
VSWS2
Floating pin. Externally short to VSWS1 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com