Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039Q2M Datasheet(PDF) 26 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 26 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 22Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 23Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 24Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 25Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 26Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 27Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 30Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
26
TDM (Time-Division Multiplexing)
The ES9039Q2M supports time-division multiplexing (TDM) format, allowing more than 2 channels (or slots) to be
transmitted on each data line, up to a maximum of 32 channels per data line. Typical formats are TDM128 (4chx32bit),
TDM256 (8chx32bit), TDM512 (16chx32bit) and TDM1024 (32chx32bit). In this mode, Registers 64[4:0] & 65[4:0]
PCM_CHx_SLOT_SEL can be used to internally map any TDM slot (channel) to either DAC. Data is latched on the positive
edge of BCLK.
TDM Pin Connection (default configuration)
Pin Name
Function
Description
DATA_CLK
TDM BCLK
TDM Clock, Master or Slave
DATA1
TDM WS
TDM WS (Word Select/Frame Select), Master or Slave
DATA2
TDM DATA
TDM DATA
Table 12 - TDM Pin Connections
Figure 8 - TDM128 Mode
Figure 9 - TDM256 Mode
Figure 10 - TDM512 Mode
Figure 11 - TDM1024 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com