Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039Q2M Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 28Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 29Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 30Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 31Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 32Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 33Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 34Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 35Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
32
Digital Filters
The ES9039Q2M has 8 pre-programmed digital filters. The latency for each filter reduces (scales) with increasing sample
rates. (See Register 88[2:0] FILTER_SHAPE for configuration)
#
Filter
Description
0
Minimum Phase (default)
Version 2 of minimum phase fast roll-off (#5) with less ripple and more image
rejection
1
Linear Phase Apodizing Fast
Roll-Off
Full image rejection by FS/2 to avoid any aliasing, with smooth roll-off
starting before 20k.
2
Linear Phase Fast Roll-Off
Sabre legacy filter, optimized for image rejection @ 0.55FS
3
Linear Phase Fast Roll-Off
Low-Ripple
Sabre legacy filter, optimized for in-band ripple
4
Linear Phase Slow Roll-Off
Sabre legacy filter, optimized for lower latency, but symmetric impulse
response
5
Minimum Phase Fast Roll-Off
Low latency, minimal pre ringing and low passband ripple, image rejection @
0.55FS
6
Minimum Phase Slow Roll-Off
Lowest latency at the cost of image rejection
7
Minimum Phase Fast Roll-Off
Low Dispersion
Provides a nice balance of the low latency of minimum phase filters and the
low dispersion of linear phase filters. Minimal pre-ringing is added to
achieve the low dispersion in the audio band.
Table 17 - Pre-Programmed Digital Filter Descriptions
Note: Minimum phase filters are asymmetric filters that work to minimize the pre-echo of the filter, while still maintaining an
excellent frequency response and they peak earlier than linear phase filters, resulting in a lower group delay. Minimum
phase filters usually feature zero cycles of pre-echo, which can result in improved audio quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com