Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039Q2M Datasheet(PDF) 56 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 56 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 52Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 53Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 54Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 55Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 56Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 57Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 58Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 59Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 60Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
56
Register Map
Addr
(Hex)
Addr
(Dec)
Register
7
6
5
4
3
2
1
0
0x00
0
SYSTEM CONFIG
SOFT_RESET
ENABLE_64FS_
MODE
RESERVED
DAC_MODE
RESERVED
0x01
1
SYS MODE CONFIG
ENABLE_DAC_
CLK
SYNC_MODE
RESERVED
ENABLE_SPDIF
_DECODE
ENABLE_DOP_
DECODE
ENABLE_DSD_
DECODE
ENABLE_TDM_
DECODE
0x02
2
RESERVED
RESERVED
0x03
3
DAC CLOCK CONFIG
AUTO_FS_DET
ECT
SELECT_IDAC_
HALF
SELECT_IDAC_NUM
0x04
4
CLOCK CONFIG
MASTER_BCK_DIV
0x05
5
CLK GEAR SELECT
RESERVED
SEL_CLK_GEAR
RESERVED
AUTO_CLK_
GEAR
RESERVED
AUTO_FS_
DETECT_
BLOCK_64FS
0x06-
0x09
6-9
RESERVED
RESERVED
0x0A
10
INTERUPT MASKP
BCK_WS_FAIL_
MASKP
DOP_VALID_
MASKP
SS_FULL_
RAMP_CH2_
MASKP
SS_FULL_
RAMP_CH1_
MASKP
AUTOMUTE_
FLAG_CH2_
MASKP
AUTOMUTE_
FLAG_CH1_
MASKP
VOL_MIN_CH2_
MASKP
VOL_MIN_CH1_
MASKP
0x0B
11
RESERVED
INPUT_SELECT_OVERRIDE_MASKP
TDM_VALID_
EDGE_MASKP
RESERVED
0x0C-
0x0E
12-14
RESERVED
RESERVED
0x0F
15
INTERUPT MASKN
BCK_WS_FAIL_
MASKN
DOP_VALID_
MASKN
SS_FULL_
RAMP_CH2_
MASKN
SS_FULL_
RAMP_CH1_
MASKN
AUTOMUTE_
FLAG_CH2_
MASKN
AUTOMUTE_
FLAG_CH1_
MASKN
VOL_MIN_CH2_
MASKN
VOL_MIN_CH1_
MASKN
0x10
16
RESERVED
INPUT_SELECT_OVERRIDE_MASKN
TDM_VALID_
EDGE_MASKN
RESERVED
0x11-
0x13
17-19
RESERVED
RESERVED
0x14
20
INTERRUPT CLEAR
BCK_WS_FAIL_
CLEAR
DOP_VALID_
CLEAR
SS_FULL_
RAMP_CH2_
CLEAR
SS_FULL_
RAMP_CH1_
CLEAR
AUTOMUTE_
FLAG_CH2_
CLEAR
AUTOMUTE_
FLAG_CH1_
CLEAR
VOL_MIN_CH2_
CLEAR
VOL_MIN_CH1_
CLEAR
0x15
21
RESERVED
INPUT_SELECT_OVERRIDE_CLEAR
TDM_VALID_
EDGE_CLEAR
RESERVED
0x16-
0x1C
22-28
RESERVED
RESERVED
0x1D
29
DPLL BW
DPLL_BW
RESERVED
0x1E-
0x21
30-33
RESERVED
RESERVED
0x22
34
DATA PATH CONFIG
MONO_MODE
CAL_RES_ENB
RESERVED
0x23
35
PCM 4X GAIN
RESERVED
CH2_PCM_4X_
GAIN
CH1_PCM_4X_
GAIN
0x24
36
RESERVED
RESERVED
0x25
37
GPIO1/2 CONFIG
GPIO2_CFG
GPIO1_CFG
0x26
38
GPIO3/4 CONFIG
GPIO4_CFG
GPIO3_CFG
0x27
39
GPIO5/6 CONFIG
GPIO6_CFG
GPIO5_CFG
0x28
40
GPIO7/8 CONFIG
GPIO8_CFG
GPIO7_CFG
0x29
41
GPIO OUTPUT ENABLE
GPIO8_OE
GPIO7_OE
GPIO6_OE
GPIO5_OE
GPIO4_OE
GPIO3_OE
GPIO2_OE
GPIO1_OE
0x2A
42
GPIO INPUT
GPIO8_SDB
GPIO7_SDB
GPIO6_SDB
GPIO5_SDB
GPIO4_SDB
GPIO3_SDB
GPIO2_SDB
GPIO1_SDB
0x2B
43
GPIO WK EN
GPIO8_WK_EN
GPIO7_WK_EN
GPIO6_WK_EN
GPIO5_WK_EN
GPIO4_WK_EN
GPIO3_WK_EN
GPIO2_WK_EN
GPIO1_WK_EN
0x2C
44
INVERT GPIO
INVERT_GPIO8
INVERT_GPIO7
INVERT_GPIO6
INVERT_GPIO5
INVERT_GPIO4
INVERT_GPIO3
INVERT_GPIO2
INVERT_GPIO1
0x2D
45
GPIO READ
GPIO8_READ
GPIO7_READ
GPIO6_READ
GPIO5_READ
GPIO4_READ
GPIO3_READ
GPIO2_READ
GPIO1_READ
0x2E
46
GPIO OUTPUT LOGIC
RESERVED
GPIO_SEL
GPIO_OR_SS_
RAMP
GPIO_OR_VOL_
MIN
GPIO_OR_
AUTOMUTE
GPIO_AND_SS_
RAMP
GPIO_AND_VOL
_MIN
GPIO_AND_
AUTOMUTE
0x2F
47
GPIO_DAC_
MODE
RESERVED
0x30
48
PWM1 COUNT
PWM1_COUNT
0x31
49
PWM1 FREQUENCY
PWM1_FREQ
0x32
50
PWM1_FREQ
0x33
51
PWM2 COUNT
PWM2_COUNT
0x34
52
PWM2 FREQUENCY
PWM2_FREQ
0x35
53
PWM2_FREQ
0x36
54
PWM3 COUNT
PWM3_COUNT
0x37
55
PWM3 FREQUENCY
PWM3_FREQ
0x38
56
PWM3_FREQ
0x39
57
INPUT SELECTION
AUTO_CH_
DETECT
ENABLE_DSD_
FAULT_
DETECTION
DSD_MASTER_
MODE
PCM_MASTER_
MODE
RESERVED
INPUT_SEL
AUTO_INPUT_
SEL
0x3A
58
MASTER ENCODER CONFIG
TDM_RESYNC
BCK_INV
RESERVED
MASTER_FRAME_LENGTH
MASTER_WS_
PULSE_MODE
MASTER_WS_
INVERT
MASTER_BCK_
INVERT
0x3B
59
TDM CONFIG
RESERVED
TDM_CH_NUM
0x3C
60
TDM CONFIG1
TDM_LJ_MODE
TDM_VALID_
EDGE
TDM_DAISY_
CHAIN
RESERVED
0x3D
61
TDM CONFIG2
RESERVED
TDM_BIT_WIDTH
TDM_DATA_LATCH_ADJ
0x3E
62
BCK/WS MONITOR CONFIG
DISABLE_DSD_
DC
DISABLE_DSD_
MUTE
ENABLE_WS_
MONITOR
ENABLE_BCK_
MONITOR
DISABLE_PCM_
DC
RESERVED
0x3F
63
RESERVED
RESERVED
0x40
64
CH1 SLOT CONFIG
DSD_CH1_SOURCE
TDM_CH1_SLOT_SEL
0x41
65
CH2 SLOT CONFIG
DSD_CH2_SOURCE
TDM_CH2_SLOT_SEL
0x42-
0x49
66-73
RESERVED
RESERVED
0x4A
74
VOLUME CH1
VOLUME_CH1
0x4B
75
VOLUME CH2
VOLUME_CH2
0x4C-
0x51
76-81
RESERVED
RESERVED
0x52
82
DAC VOL UP RATE
DAC_VOL_RATE_UP
0x53
83
DAC VOL DOWN RATE
DAC_VOL_RATE_DOWN
0x54
84
DAC VOL DOWN RATE FAST
DAC_VOL_RATE_FAST
0x55
85
RESERVED
RESERVED
0x56
86
DAC MUTE
RESERVED
DAC_MUTE_
CH2
DAC_MUTE_
CH1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com