Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9039Q2M Datasheet(PDF) 52 Page - ESS Technology,Inc

Part # ES9039Q2M
Description  32-bit High Performance 2 Channel DAC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039Q2M Datasheet(HTML) 52 Page - ESS Technology,Inc

Back Button ES9039Q2M Datasheet HTML 48Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 49Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 50Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 51Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 52Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 53Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 54Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 55Page - ESS Technology,Inc ES9039Q2M Datasheet HTML 56Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
VERSION 0.2.2
ES9039Q2M Product Datasheet
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
52
Performance
Test Conditions 1 (unless otherwise noted)
TA = 25oC, AVCC_DAC1 = AVCC_DAC2 = VCCA = AVDD = +3.3V, DVDD= +1.2V, fs = 48kHz, HW mode (I²S Master
Mode)
Note: Performance numbers were measured using the ESS ES9039Q2M evaluation board v1.0, 10Vrms = 0dBFS input.
Parameter
Min
Typ.
Max
Unit
Resolution
32
Bit
Max MCLK Frequency
50
MHz
THD+N Ratio / THD Ratio
@ fs=48kHz
(differential)
0dBFS, BW=20Hz-20kHz
-120/-126
dB
THD+N Ratio / THD Ratio
@ fs=96kHz
(differential)
0dBFS, BW=20Hz-40kHz
-117/-126
dB
THD+N Ratio / THD Ratio
@ fs=192kHz
(differential)
0dBFS, BW=20Hz-80kHz
-114/-126
dB
THD+N Ratio / THD Ratio
@ fs=384kHz
(differential)
0dBFS, BW=20Hz-160kHz
-108/-126
dB
DNR (A-weighted)
(2 Channel mode - Single
Channel Diff)
-60dBFS
130
dB
DNR (A-weighted)
(Mono mode - 2 Channel Sum
Diff)
133
dB
Voltage Output Amplitude
Full-Scale Out
0.889 ∗ ������������������������
Vpp
Voltage Output Offset
Bipolar Zero Out
������������������������
2
V
Current Output Amplitude
Full-Scale Out
1000 ∗ 0.889 ∗ ������VCC
Rdac
mApp
Current Output Offset
Bipolar Zero Out
1000 ∗ (
AVCC
2
− Vg)
Rdac
mA
Output Impedance
(Per + or - pin of each DAC
output)
RDAC
390 ± 15%
Ω
Table 29 - Performance Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com