Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPR426A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9LPR426A Datasheet HTML 1Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 2Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 3Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 4Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 5Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 6Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 7Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 8Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346–10/23/07
Low Power Programmable Timing Control Hub™ for P4™ processor
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
Pin Configuration
Recommended Application:
Low Power CK410M Compliant Main Clock
Output Features:
•
2 - 0.7V push-pull differential CPU pairs
•
5 - 0.7V push-pull differential PCIEX pairs
•
1 - 0.7V push-pull differential SATA pair
•
1 - 0.7V push-pull differential CPU/PCIEX selectable pair
•
1 - 0.7V push-pull differential 27MHz/LCDCLK/PCIEX
selectable pair
•
4 - PCI (33MHz)
•
2 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
2 - REF, 14.318MHz
Key Specifications:
•
CPU outputs cycle-cycle jitter < 85ps
•
PCIEX outputs cycle-cycle jitter < 125ps
•
SATA outputs cycle-cycle jitter < 125ps
•
PCI outputs cycle-cycle jitter < 500ps
•
+/- 100ppm frequency accuracy on CPU, PCIEX and
SATA clocks
•
+/- 100ppm frequency accuracy on USB clocks
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA and
PCIEX
•
Supports programmable spread percentage and
frequency
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
•
PEREQ# pins to support PCIEX power management.
•
Low power differential clock outputs (No 50W resistor
to GND needed)
Functionality Table
VDDPCI 1
56 PCICLK2/REQ_SEL**
GND 2
55 PCI&PCIEX_STOP#
PCICLK3 3
54 CPU_STOP#
PCICLK4 4
53 REF1/FSLC/TEST_SEL
*SELPCIEX0_LCD#PCICLK5 5
52 REF0
GND 6
51 GND
VDDPCI 7
50 X1
ITP_EN/PCICLK_F0 8
49 X2
*SELLCD_27#/PCICLK_F1 9
48 VDDREF
Vtt_PwrGd#/PD 10
47 SDATA
VDD4811
46SCLK
FSLA/USB_48MHz 12
45 GND
GND 13
44 CPUT_L0
DOTT_96MHzL 14
43 CPUC_L0
DOTC_96MHzL 15
42 VDDCPU
FSLB/TEST_MODE 16
41 CPUT_L1
27FIX/LCD_SSCGT/PCIeT_L0 17
40 CPUC_L1
27SS/LCD_SSCGC/PCIeC_L0 18
39 VDD
PCIeT_L1 19
38 GNDA
PCIeC_L1 20
37 VDDA
VDDPCIEX 21
36 CPUITPT_L2/PCIeT_L6
PCIeT_L2 22
35 CPUITPC_L2/PCIeC_L6
PCIeC_L2 23
34 VDDPCIEX
PCIeT_L3 24
33 PEREQ1#/PCIeT_L5
PCIeC_L3 25
32 PEREQ2#/PCIeC_L5
SATACLKT_L 26
31 PCIeT_L4
SATACLKC_L 27
30 PCIeC_L4
VDDPCIEX 28
29 GND
56-TSSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
Bit 4 Bit 3
Bit 2
FSLC
Bit 1
FSLB
Bit 0
FSLA
CPU
MHz
PCIEX
MHz
PCI
MHz
SATA
MHz
0
0
000
266.66 99.75
33.33
100.00
0
0
001
133.33 99.75
33.33
100.00
0
0
010
200.00 99.75
33.33
100.00
0
0
011
166.66 99.75
33.33
100.00
0
0
100
333.33 99.75
33.33
100.00
0
0
101
100.00 99.75
33.33
100.00
0
0
110
400.00 99.75
33.33
100.00
0
0
111
200.00 99.75
33.33
100.00
0
1
000
266.66 99.75
33.33
100.00
0
1
001
133.33 99.75
33.33
100.00
0
1
010
200.00 99.75
33.33
100.00
0
1
011
166.66 99.75
33.33
100.00
0
1
100
333.33 99.75
33.33
100.00
0
1
101
100.00 99.75
33.33
100.00
0
1
110
400.00 99.75
33.33
100.00
0
1
111
200.00 99.75
33.33
100.00
1
0
000
269.33 100.75 33.33
100.00
1
0
001
271.99 101.75 33.33
100.00
1
0
010
274.66 102.74 33.33
100.00
1
0
011
277.33 103.74 33.33
100.00
1
0
100
279.99 104.74 33.33
100.00
1
0
101
282.66 105.74 33.33
100.00
1
0
110
285.33 106.73 33.33
100.00
1
0
111
287.99 107.73 33.33
100.00
1
1
000
269.33 108.73 33.33
100.00
1
1
001
271.99 109.73 33.33
100.00
1
1
010
274.66 110.72 33.33
100.00
1
1
011
277.33 111.72 33.33
100.00
1
1
100
279.99 112.72 33.33
100.00
1
1
101
282.66 113.72 33.33
100.00
1
1
110
285.33 114.71 33.33
100.00
1
1
111
287.99 115.71 33.33
100.00


Similar Part No. - ICS9LPR426A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9LPR501 ICST-ICS9LPR501 Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
logo
Integrated Circuit Syst...
ICS9LPR501YGLFT ICST-ICS9LPR501YGLFT Datasheet
237Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
logo
Integrated Device Techn...
ICS9LPR501YGLFT IDT-ICS9LPR501YGLFT Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
More results

Similar Description - ICS9LPR426A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952004 ICST-ICS952004 Datasheet
173Kb / 10P
Programmable Timing Control Hub??for P4??processor
ICS951402 ICST-ICS951402 Datasheet
289Kb / 23P
Programmable Timing Control Hub for P4 processor
ICS952003 ICST-ICS952003 Datasheet
198Kb / 18P
Programmable Timing Control Hub for P4??processor
ICS952011 ICST-ICS952011 Datasheet
170Kb / 25P
Programmable Timing Control Hub for P4 processor
logo
Integrated Device Techn...
ICS952003 IDT-ICS952003 Datasheet
199Kb / 18P
Programmable Timing Control Hub??for P4??processor
9LPR363DGLF IDT-9LPR363DGLF Datasheet
60Kb / 1P
Low Power Programmable Timing Control Hub?? for P4??Processor
9LPRS511EGLF IDT-9LPRS511EGLF Datasheet
303Kb / 19P
Low Power Programmable Timing Control Hub??for P4??processor
ICS9LPRS511EGLF IDT-ICS9LPRS511EGLF Datasheet
303Kb / 19P
Low Power Programmable Timing Control Hub??for P4??processor
logo
Renesas Technology Corp
9LPR363 RENESAS-9LPR363 Datasheet
287Kb / 21P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
ICS9LPRS511 RENESAS-ICS9LPRS511 Datasheet
504Kb / 20P
Low Power Programmable Timing Control Hub™ for P4™ processor
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com