Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPR426A Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS9LPR426A Datasheet HTML 4Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 5Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 6Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 7Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 8Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 9Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 10Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 11Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346—10/23/07
SELPCIEX_LCD# and SELLCD_27# definition:
SELPCIEX_LCD#
SELLCD_27#
Pin #17/18
SATA source
0
0
27MHzFixed/27MHz_SS pair
PCI PLL
0
1
LCD_SST/C pair
SATA PLL
1
0
PCIe0T/C
SATA PLL
1
1
PCIe0T/C
SATA PLL
Table4: PCI PLL Spread and Frequency Selection Table
PCI
LCD/SATA
Spread
MHz
MHz
%
00
0
0
0
33.33
100.00
+/- 0.25% Center
00
0
0
1
33.33
100.00
+/- 0.5% Center
00
0
1
0
33.33
100.00
+/- .3% Center
00
0
1
1
33.33
100.00
1% down
00
1
0
0
33.33
100.00
+/- 0.25% Center
00
1
0
1
33.33
100.00
+/- 0.5% Center
00
1
1
0
33.33
100.00
+/- .3% Center
00
1
1
1
33.33
100.00
1% down
01
0
0
0
33.33
100.00
+/- 0.25% Center
01
0
0
1
33.33
100.00
+/- 0.5% Center
01
0
1
0
33.33
100.00
+/- .3% Center
01
0
1
1
33.33
100.00
1% down
01
1
0
0
33.33
100.00
+/- 0.25% Center
01
1
0
1
33.33
100.00
+/- 0.5% Center
01
1
1
0
33.33
100.00
+/- .3% Center
01
1
1
1
33.33
100.00
1% down
10
0
0
0
33.33
100.00
+/- 0.25% Center
10
0
0
1
33.33
100.00
+/- 0.5% Center
10
0
1
0
33.33
100.00
+/- .3% Center
10
0
1
1
33.33
100.00
1% down
10
1
0
0
33.33
100.00
+/- 0.25% Center
10
1
0
1
33.33
100.00
+/- 0.5% Center
10
1
1
0
33.33
100.00
+/- .3% Center
10
1
1
1
33.33
100.00
1% down
11
0
0
0
33.33
100.00
+/- 0.25% Center
11
0
0
1
33.33
100.00
+/- 0.5% Center
11
0
1
0
33.33
100.00
+/- .3% Center
11
0
1
1
33.33
100.00
1% down
11
1
0
0
33.33
100.00
+/- 0.25% Center
11
1
0
1
33.33
100.00
+/- 0.5% Center
11
1
1
0
33.33
100.00
+/- .3% Center
11
1
1
1
33.33
100.00
1% down
FSLA
(B22b0)
Bit 4
(Hardwired Low = 0)
Bit 3
(Hardwired
Low = 0)
Bit 2
(Hardwired Low = 0)
FSLB
(B22b1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com