Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPR426A Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS9LPR426A Datasheet HTML 3Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 4Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 5Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 6Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 7Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 8Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 9Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 10Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346—10/23/07
Table3: SATA PLL Spread and Frequency Selection Table
SATA
Pin 17/18
Spread
MHz
MHz
%
00
0
0
0
N/A*
27.00
0.5% Down
00
0
0
1
N/A*
27.00
0.5% Down
00
0
1
0
N/A*
27.00
0.5% Down
00
0
1
1
N/A*
27.00
0.5% Down
00
1
0
0
N/A*
27.00
0.5% Down
00
1
0
1
N/A*
27.00
0.5% Down
00
1
1
0
N/A*
27.00
0.5% Down
00
1
1
1
N/A*
27.00
0.5% Down
01
0
0
0
N/A*
27.00
+/- 0.3 Center
01
0
0
1
N/A*
27.00
+/- 0.3 Center
01
0
1
0
N/A*
27.00
+/- 0.3 Center
01
0
1
1
N/A*
27.00
+/- 0.3 Center
01
1
0
0
N/A*
27.00
+/- 0.3 Center
01
1
0
1
N/A*
27.00
+/- 0.3 Center
01
1
1
0
N/A*
27.00
+/- 0.3 Center
01
1
1
1
N/A*
27.00
+/- 0.3 Center
10
0
0
0
100.00
N/A*
No Spread
10
0
0
1
100.00
N/A*
No Spread
10
0
1
0
100.00
N/A*
No Spread
10
0
1
1
100.00
N/A*
No Spread
10
1
0
0
100.00
N/A*
No Spread
10
1
0
1
100.00
N/A*
No Spread
10
1
1
0
100.00
N/A*
No Spread
10
1
1
1
100.00
N/A*
No Spread
11
0
0
0
100.00
N/A*
0.5% Down
11
0
0
1
100.00
N/A*
0.5% Down
11
0
1
0
100.00
N/A*
0.5% Down
11
0
1
1
100.00
N/A*
0.5% Down
11
1
0
0
100.00
N/A*
0.5% Down
11
1
0
1
100.00
N/A*
0.5% Down
11
1
1
0
100.00
N/A*
0.5% Down
11
1
1
1
100.00
N/A*
0.5% Down
Bit 0
(Hardwired
B22b2
FS3
(B31b6)
Bit 2
(Hardwired Low = 0)
Bit 1
(Hardwired



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com