Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPR426A Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9LPR426A Datasheet HTML 1Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 2Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 3Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 4Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 5Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 6Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 7Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 8Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346—10/23/07
Pin Description (Continued)
PIN #
PIN NAME
TYPE
DESCRIPTION
29
GND
PWR
Ground pin.
30
PCIeC_L4
OUT
Complement clock of 0.8V differential push-pull PCI_Express pair. (no 50ohm resistor to
GND needed)
31
PCIeT_L4
OUT
True clock of 0.8V differential push-pull PCI_Express pair (no 50ohm resistor to GND
needed)
32
PEREQ2#/PCIeC_L5
I/O
Real-time input pin that controls PCIEXCLK outputs that are selected through the I2c. 1 =
disabled, 0 = enabled. / Complement clock of differential low power PCI Express output.
No 50ohm resistor to GND needed.
33
PEREQ1#/PCIeT_L5
I/O
Real-time input pin that controls PCIEXCLK outputs that are selected through the I2c. 1 =
disabled, 0 = enabled. / True clock of differential low power PCI Express output. No
50ohm resistor to GND needed.
34
VDDPCIEX
PWR
Power supply for PCI Express clocks, nominal 3.3V
35
CPUITPC_L2/PCIeC_L6
OUT
Complement clock of differential pair CPU output. / Complement clock of differential
PCIEX pair. These are 0.8V push pull outputs. No 50ohm resistor to GND needed.
36
CPUITPT_L2/PCIeT_L6
OUT
True clock of differential pair CPU output. / True clock of differential PCIEX pair. These
are 0.8V push pull outputs. No 50ohm resistor to GND needed.
37
VDDA
PWR
3.3V power for the PLL core.
38
GNDA
PWR
Ground pin for the PLL core.
39
VDD
PWR
Power supply, nominal 3.3V
40
CPUC_L1
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs. No 50ohm resistor
to GND needed.
41
CPUT_L1
OUT
True clock of differential pair 0.8V push-pull CPU outputs. No 50 ohm resistor to GND
needed.
42
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
43
CPUC_L0
OUT
Complementary clock of differential pair 0.8V push-pull CPU outputs. No 50ohm resistor
to GND needed.
44
CPUT_L0
OUT
True clock of differential pair 0.8V push-pull CPU outputs. No 50ohm resistor to GND
needed.
45
GND
PWR
Ground pin.
46
SCLK
IN
Clock pin of SMBus circuitry, 5V tolerant.
47
SDATA
I/O
Data pin for SMBus circuitry, 3.3V tolerant.
48
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
49
X2
OUT
Crystal output, Nominally 14.318MHz
50
X1
IN
Crystal input, Nominally 14.318MHz.
51
GND
PWR
Ground pin.
52
REF0
OUT
14.318 MHz reference clock.
53
REF1/FSLC/TEST_SEL
I/O
14.318 MHz reference clock./ 3.3V tolerant input for CPU frequency selection. Refer to
input electrical characteristics for Vil_FS and Vih_FS values. /TEST_Sel: 3-level latched
input to enable test mode. Refer to Test Clarification Table
54
CPU_STOP#
IN
Stops all CPU clocks, except those set to be free running clocks
55
PCI&PCIEX_STOP#
IN
Stops all PCICLKs at logic 0 level, when low. Free running PCICLKs are not effected by
this input.
56
PCICLK2/REQ_SEL**
I/O
3.3V PCI clock output / Latch select input pin. 0 = PCIEXCLK, 1 = PEREQ#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com