Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9LPR426A Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS9LPR426A
Description  Low Power Programmable Timing Control Hub??for P4??processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9LPR426A Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS9LPR426A Datasheet HTML 13Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 14Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 15Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 16Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 17Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 18Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 19Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 20Page - Integrated Circuit Systems ICS9LPR426A Datasheet HTML 21Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
19
Integrated
Circuit
Systems, Inc.
ICS9LPR426A
Advance Information
1346—10/23/07
Test Clarification Table
Comments
FSLC/
TEST_SEL
HW PIN
FSLB/
TEST_MODE
HW PIN
OUTPUT
<2.0V
X
NORMAL
>2.0V
0
HI-Z
>2.0V
1
REF/N
HW
Power-up w/ TEST_SEL = 1 to enter test mode
Cycle power to disable test mode
FSLC./TEST_SEL -->3-level latched input
If power-up w/ V>2.0V then use TEST_SEL
If power-up w/ V<2.0V then use FSLC
FSLB/TEST_MODE -->low Vth input
TEST_MODE is a real time input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com