Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 190 page
background image
www.ti.com
3.1.4
Memory Map
000000h
DARAM0
(8K Bytes)
004000h
008000h
(4M minus 64K Bytes(A,C))
010000h
DARAM1
(8K Bytes)
DARAM2
(8K Bytes)
DARAM3
(8K Bytes)
External CE0 Space
(4M Bytes(C))
External CE1 Space
(4M Bytes(C))
External CE2 Space
(4M minus 32K Bytes(B,C))
External CE3 Space
ROM
(32K Bytes)
FF8000h
C00000h
800000h
400000h
000000h
004000h
008000h
00C000h
010000h
(4M Bytes(C))
External CE1 Space
(4M Bytes(C))
External CE2 Space
(4M Bytes(C))
External CE3 Space
C00000h
800000h
400000h
MPNMC = 0
MPNMC = 1
(4M minus 64K Bytes(A,C))
External CE0 Space
DARAM4
(8K Bytes)
DARAM5
(8K Bytes)
DARAM6
(8K Bytes)
DARAM7
(8K Bytes)
00E000h
00C000h
00A000h
002000h
006000h
DARAM0
(8K Bytes)
DARAM1
(8K Bytes)
DARAM2
(8K Bytes)
DARAM3
(8K Bytes)
DARAM4
(8K Bytes)
DARAM5
(8K Bytes)
DARAM6
(8K Bytes)
DARAM7
(8K Bytes)
00E000h
00A000h
002000h
006000h
(A)
The 64K bytes are the on-chip DARAM block.
(B)
The 32K bytes are for on-chip ROM block.
(C)
The CE space size shown in the figure represents the maximum addressable memory space for a 32-bit EMIF configuration. The
maximum addressable memory space per CE is reduced when 16- or 8-bit EMIF configurations are used for asynchronous and
SBSRAM memory types. For more detailed information, refer to TMS320VC5501/5502 DSP External Memory Interface (EMIF) Ref-
erence Guide (literature number SPRU621).
Byte Address
Byte Address
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Figure 3-2. TMS320VC5502 Memory Map
Functional Overview
34
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com