Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 68Page - Texas Instruments TMS320VC5502 Datasheet HTML 69Page - Texas Instruments TMS320VC5502 Datasheet HTML 70Page - Texas Instruments TMS320VC5502 Datasheet HTML 71Page - Texas Instruments TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 190 page
background image
www.ti.com
3.11.3
Module Behavior at Entering IDLE State
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
4. Write a '1' to all peripheral module bits in the PICR (write 0x3FFF to PICR).
5. Write a '1' to the HPI and DMA bits in MICR (write 0x0003 to MICR).
6. Write a '1' to all domain bits and bit 9 in the ICR (write 0x03FF to ICR).
7. Execute the IDLE instruction.
8. Internal oscillator is set to power-down mode, PLL core is set to power-down mode, and all internal
clocks are disabled.
Note that the internal oscillator can be awakened through an NMI or external interrupt as long as that
event is specified in the Oscillator Wakeup Control Register and, in the case of an external interrupt,
the interrupt is enabled in the CPU’s Interrupt Enable Register.
All transactions must be completed before entering the IDLE state. Table 3-25 lists the behavior of each
module before entering the IDLE state.
Table 3-25. Peripheral Behavior at Entering IDLE State
MODULE BEHAVIOR AT ENTERING IDLE STATE
CLOCK DOMAIN
MODULES
(ASSUMING THE IDLE CONTROL IS SET)
CPU
Enter IDLE after CPU stops pipeline.
Interrupt Controller
Enter IDLE after CPU stops.
CPU
IDLE Controller
Enter IDLE after CPU stops.
PLL Controller
Enter IDLE after CPU stops.
Enter IDLE state after current DMA transfer to internal memory, EMIF,
or peripheral, or enter IDLE state immediately if no transfer exists.
DMA
DMA has function of Auto-wakeup/Idle with McBSP data transfer during
Master Port
IDLE.
HPI
Enter IDLE state immediately. Software has to take care of HPI activity.
Enter IDLE state after current data transfer from EMIF or program fetch
ICACHE
ICACHE
from CPU finishes, or enter IDLE state immediately if no transfer and
no access exist.
External Bus Selection Register Enter IDLE after CPU stops.
Timer Signal Selection Register Enter IDLE after CPU stops.
CLKOUT Selection Register
Enter IDLE after CPU stops.
External Bus Control Register
Enter IDLE after CPU stops.
Clock Mode Control Register
Enter IDLE after CPU stops.
Timer0/1 and WDT
Enter IDLE state immediately
DSP/BIOS Timer
Enter IDLE state immediately
External Clock and Frame:
Enter IDLE state after current McBSP activity is finished or enter IDLE
Peripheral
state immediately if no activity exists. McBSP has function of
MCBSP0/1/2
Auto-wakeup/Idle with DMA transfer during IDLE.
Internal Clock and Frame:
Enter IDLE state immediately if both transmitter and receiver are in
reset (XRST = 0 and RRST = 0). IDLE state not entered otherwise.
GPIO
Enter IDLE state immediately.
Enter IDLE state after current I2C activity is finished or enter IDLE state
I2C
immediately if no activity exists.
Enter IDLE state after current UART activity is finished or enter IDLE
UART
state immediately if no activity exists.
Parallel GPIO
Enter IDLE state immediately.
Functional Overview
72
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com