Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments TMS320VC5502 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
3.10.5.1 PLL Control / Status Register (PLLCSR)
15
8
Reserved
R, 00000000
7
6
5
4
3
2
1
0
Reserved
STABLE
LOCK
Reserved
PLLRST
OSCPWRDN
PLLPWRDN
PLLEN
R, 0
R, 1
R, 0
R, 0
R/W, 1
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-15. PLL Control/Status Register Layout (0x1C80)
Table 3-13. PLL Control/Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15:7
R
000000000
Reserved. Reads return 0. Writes have no effect.
STABLE
6
R
1
Oscillator output stable. This bit indicates if the OSCOUT output has
stabilized.
•
STABLE = 0:
Oscillator output is not yet stable. Oscillator counter is not done
counting 41,032 reference clock cycles.
•
STABLE = 1:
Oscillator output is stable. This is true if any one of the three
cases is true:
a) Oscillator counter has finished counting.
b) Oscillator counter is disabled.
c) Test mode.
LOCK
5
R
0
Lock mode indicator. This bit indicates whether the clock generator
is in its lock mode.
•
LOCK = 0:
The PLL is in the process of getting a phase lock.
•
LOCK = 1:
The clock generator is in the lock mode. The PLL has a phase
lock and the output clock of the PLL has the frequency
determined by the PLLM register and PLLDIV0 register.
Reserved
4
R
0
Reserved. Reads return 0. Writes have no effect.
PLLRST
3
R/W
1
Asserts RESET to PLL
•
PLLRST = 0: PLL reset released
•
PLLRST = 1: PLL reset asserted
OSCPWRDN
2
R/W
0
Sets internal oscillator to power-down mode
•
OSCPWRDN = 0:
Oscillator operational
•
OSCPWRDN = 1:
Oscillator set to power-down mode based on state of CLKMD0
bit of Clock Mode Control Register (CLKMD).
–
When CLKMD0 = 0, the internal oscillator is set to
power-down mode when the clock generator is set to its idle
mode [CLKIS bit of the IDLE Status Register (ISTR)
becomes 1].
–
When CLKMD0 = 1, the internal oscillator is set to
power-down mode immediately after the OSCPWRDN bit is
set to 1.
PLLPWRDN
1
R/W
0
Selects PLL power down
•
PLLPWRDN = 0: PLL operational
•
PLLPWRDN = 1: PLL placed in power-down state
Submit Documentation Feedback
Functional Overview
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com