Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments TMS320VC5502 Datasheet HTML 33Page - Texas Instruments TMS320VC5502 Datasheet HTML 34Page - Texas Instruments TMS320VC5502 Datasheet HTML 35Page - Texas Instruments TMS320VC5502 Datasheet HTML 36Page - Texas Instruments TMS320VC5502 Datasheet HTML 37Page - Texas Instruments TMS320VC5502 Datasheet HTML 38Page - Texas Instruments TMS320VC5502 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 190 page
background image
www.ti.com
3.1.5
Boot Configuration
3.2
Peripherals
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
The on-chip bootloader provides a way to transfer application code and tables from an external source to
the on-chip RAM at power up. The 5502 provides several options to download the code to accommodate
varying system requirements. These options include:
• Host-port interface (HPI) boot, both in multiplexed and non-multiplexed modes
• External memory boot (via EMIF) from 16-bit asynchronous memory
• Serial port boot (from McBSP0) with 16-bit element length
• SPI EPROM boot (from McBSP0) supporting EPROMs with 24-bit addresses
• I2C EPROM boot (from I2C) supporting EPROMs larger than 512K bits
• UART boot
• Direct execution (no boot) from 16- or 32-bit external asynchronous memory
The external pins BOOTM2, BOOTM1, and BOOTM0 select the boot configuration. The values of
BOOTM[2:0] are latched with the rising edge of the RESET input. BOOTM2 is shared with GPIO2,
BOOTM1 is shared with GPIO1, and BOOTM0 is shared with GPIO0.
The boot configurations available are summarized in Table 3-3.
Table 3-3. Boot Configuration Selection Via the BOOTM[2:0] Pins
BOOTM[2:0]
BOOT PROCESS
000
Direct execution from 16-bit external asynchronous memory
001
SPI EPROM boot
010
Serial port boot (from McBSP0)
011
External memory boot (via EMIF) from 16-bit asynchronous memory
100
Direct execution from 32-bit external asynchronous memory
101
HPI boot
110
I2C EPROM boot
111
UART boot
The 5502 includes the following on-chip peripherals:
• An external memory interface (EMIF) (1)
–
Supporting a 32-bit interface to asynchronous memory, SDRAM, and SBSRAM
• A host-port interface (HPI) (1)
–
Configurable to 8 bits (multiplexed mode) or 16 bits (non-multiplexed mode)
• A six-channel direct memory access (DMA) controller
• Three multichannel buffered serial ports (McBSPs)
• A programmable analog phase-locked loop (APLL) clock generator
• General-purpose I/O (GPIO) pins and a dedicated output pin (XF)
• Four timers
–
Two 64-bit general-purpose timers
–
A programmable watchdog timer
–
A DSP/BIOS timer
• An Inter-integrated Circuit (I2C) multi-master and slave interface
• A Universal Asynchronous Receiver/Transmitter (UART)
(1)
The 5502 can be configured as follows:
•
32-bit external memory interface with 8-bit (multiplexed) host-port interface
•
no external memory interface with 16-bit (non-multiplexed) host-port interface
Submit Documentation Feedback
Functional Overview
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com