Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 113 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 109Page - Texas Instruments TMS320VC5502 Datasheet HTML 110Page - Texas Instruments TMS320VC5502 Datasheet HTML 111Page - Texas Instruments TMS320VC5502 Datasheet HTML 112Page - Texas Instruments TMS320VC5502 Datasheet HTML 113Page - Texas Instruments TMS320VC5502 Datasheet HTML 114Page - Texas Instruments TMS320VC5502 Datasheet HTML 115Page - Texas Instruments TMS320VC5502 Datasheet HTML 116Page - Texas Instruments TMS320VC5502 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 190 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
Table 3-63. Timers (continued)
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE
0x2403
GPTCLK_1
Timer Clock Speed Register, Timer #1
0000 0000 0000 0000
0x2404
GPTGPINT_1
GPIO Interrupt Control Register, Timer #1
0000 0000 0000 0000
0x2405
GPTGPEN_1
GPIO Enable Register, Timer #1
0000 0000 0000 0000
0x2406
GPTGPDAT_1
GPIO Data Register, Timer #1
0000 0000 0000 0000
0x2407
GPTGPDIR_1
GPIO Direction Register, Timer #1
0000 0000 0000 0000
0x2408
GPTCNT1_1
Timer Counter 1 Register, Timer #1
0000 0000 0000 0000
0x2409
GPTCNT2_1
Timer Counter 2 Register, Timer #1
0000 0000 0000 0000
0x240A
GPTCNT3_1
Timer Counter 3 Register, Timer #1
0000 0000 0000 0000
0x240B
GPTCNT4_1
Timer Counter 4 Register, Timer #1
0000 0000 0000 0000
0x240C
GPTPRD1_1
Period Register 1, Timer #1
0000 0000 0000 0000
0x240D
GPTPRD2_1
Period Register 2, Timer #1
0000 0000 0000 0000
0x240E
GPTPRD3_1
Period Register 3, Timer #1
0000 0000 0000 0000
0x240F
GPTPRD4_1
Period Register 4, Timer #1
0000 0000 0000 0000
0x2410
GPTCTL1_1
Timer Control Register 1, Timer #1
0000 0000 0000 0000
0x2411
GPTCTL2_1
Timer Control Register 2, Timer #1
0000 0000 0000 0000
0x2412
GPTGCTL1_1
Global Timer Control Register 1, Timer #1
0000 0000 0000 0000
0x4000
WDTPID1
Peripheral ID register 1, Watchdog Timer
0000 0111 0000 0001
0x4001
WDTPID2
Peripheral ID register 2, Watchdog Timer
0000 0000 0000 0001
0x4002
WDTEMU
Emulation Management Register, Watchdog Timer
0000 0000 0000 0000
0x4003
WDTCLK
Timer Clock Speed Register, Watchdog Timer
0000 0000 0000 0000
0x4004
WDTGPINT
GPIO Interrupt Control Register, Watchdog Timer
0000 0000 0000 0000
0x4005
WDTGPEN
GPIO Enable Register, Watchdog Timer
0000 0000 0000 0000
0x4006
WDTGPDAT
GPIO Data Register, Watchdog Timer
0000 0000 0000 0000
0x4007
WDTGPDIR
GPIO Direction Register, Watchdog Timer
0000 0000 0000 0000
0x4008
WDTCNT1
Timer Counter 1 Register, Watchdog Timer
0000 0000 0000 0000
0x4009
WDTCNT2
Timer Counter 2 Register, Watchdog Timer
0000 0000 0000 0000
0x400A
WDTCNT3
Timer Counter 3 Register, Watchdog Timer
0000 0000 0000 0000
0x400B
WDTCNT4
Timer Counter 4 Register, Watchdog Timer
0000 0000 0000 0000
0x400C
WDTPRD1
Period Register 1, Watchdog Timer
0000 0000 0000 0000
0x400D
WDTPRD2
Period Register 2, Watchdog Timer
0000 0000 0000 0000
0x400E
WDTPRD3
Period Register 3, Watchdog Timer
0000 0000 0000 0000
0x400F
WDTPRD4
Period Register 4, Watchdog Timer
0000 0000 0000 0000
0x4010
WDTCTL1
Timer Control Register 1, Watchdog Timer
0000 0000 0000 0000
0x4011
WDTCTL2
Timer Control Register 2, Watchdog Timer
0000 0000 0000 0000
0x4012
WDTGCTL1
Global Timer Control Register 1, Watchdog Timer
0000 0000 0000 0000
0x4014
WDTWCTL1
WD Timer Control Register 1, Watchdog Timer
0000 0000 0000 0000
0x4015
WDTWCTL2
WD Timer Control Register 2, Watchdog Timer
0000 0000 0000 0000
Submit Documentation Feedback
Functional Overview
113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com