Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 131 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 131 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 127Page - Texas Instruments TMS320VC5502 Datasheet HTML 128Page - Texas Instruments TMS320VC5502 Datasheet HTML 129Page - Texas Instruments TMS320VC5502 Datasheet HTML 130Page - Texas Instruments TMS320VC5502 Datasheet HTML 131Page - Texas Instruments TMS320VC5502 Datasheet HTML 132Page - Texas Instruments TMS320VC5502 Datasheet HTML 133Page - Texas Instruments TMS320VC5502 Datasheet HTML 134Page - Texas Instruments TMS320VC5502 Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 190 page
background image
www.ti.com
5.6
Clock Options
5.6.1
Internal System Oscillator With External Crystal
C
L
+
C
1C2
(C
1
) C2)
X2/CLKIN
X1
C1
C2
Crystal
RS
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166J – APRIL 2001 – REVISED AUGUST 2006
This section provides the timing requirements and switching characteristics for the various clock options available
on the 5502.
The 5502 includes an internal oscillator which can be used in conjunction with an external crystal to generate the
input clock to the DSP. The oscillator requires an external crystal connected across the X1 and X2/CLKIN pins. If
the internal oscillator is not used, an external clock source must be applied to the X2/CLKIN pin and the X1 pin
should be left unconnected. Since the internal oscillator can be used as a clock source to the PLL, the crystal
oscillation frequency can be multiplied to generate the input clock to the different clock groups of the DSP.
GPIO4 is sampled on the rising edge of the reset signal to set the state of the CLKMD0 bit of the Clock Mode
Control Register (CLKMD), which in turns, determines the clock source for the DSP. The CLKMD0 bit selects
either the internal oscillator output (OSCOUT) or the X2/CLKIN pin as the input clock source for the DSP. If
GPIO4 is low at reset, the CLKMD0 bit will be set to '0' and the internal oscillator and the external crystal
generate the input clock for the DSP. If GPIO4 is high, the CLKMD0 bit will be set to '1' and the input clock will
be taken directly from the X2/CLKIN pin.
The crystal should be in fundamental-mode operation, and parallel resonant, with a maximum effective series
resistance (ESR) as specified in Table 5-1. The connection of the required circuit is shown in Figure 5-2. Under
some conditions, all the components shown are not required. The capacitors, C1 and C2, should be chosen such
that the equation below is satisfied. CL in the equation is the load specified for the crystal that is also specified in
Table 5-1.
Figure 5-2. Internal System Oscillator With External Crystal
Table 5-1. Recommended Crystal Parameters
MAXIMUM ESR
MAXIMUM
FREQUENCY RANGE (MHz)
CLOAD (pF)
RS (kΩ)
SPECIFICATIONS (
Ω)
CSHUNT (pF)
20-15
40
10
7
0
15–12
40
16
7
0
12–10
40
16
7
2.8
10–8
60
18
7
2.2
8–6
60
18
7
8.8
6–5
80
18
7
14
Submit Documentation Feedback
Specifications
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com