Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 119 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 119 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 115Page - STMicroelectronics M7040N Datasheet HTML 116Page - STMicroelectronics M7040N Datasheet HTML 117Page - STMicroelectronics M7040N Datasheet HTML 118Page - STMicroelectronics M7040N Datasheet HTML 119Page - STMicroelectronics M7040N Datasheet HTML 120Page - STMicroelectronics M7040N Datasheet HTML 121Page - STMicroelectronics M7040N Datasheet HTML 122Page - STMicroelectronics M7040N Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 159 page
background image
119/159
M7040N
Figure 89. Multi-Width Configurations Example
Table 50. Searches with CFG_L Set HIGH
LRAM AND LDEV DESCRIPTION
When search engines are cascaded using multiple
M7040Ns, the SADR, CE_L, and WE_L (3-state
signals) are all tied together. In order to eliminate
external pull-up and pull-downs, one device in a
bank is designated as the default driver. For non-
SEARCH or non-LEARN cycles (see LEARN
COMMAND in the section below) or search cycles
with a global miss, the SADR, CE_L, and WE_L
signals are driven by the device with the LRAM Bit
set.
Note: It is important that only one device in a bank
of search engines that are cascaded have this bit
set. Failure to do so will cause contention on
SADR, CE_L, WE_L, and can potentially cause
damage to the device(s).
Similarly, when search engines using multiple
M7040Ns are cascaded, SSF and SSV (also 3-
state signals) are tied together. In order to elimi-
nate external pull-up and pull-downs, one device
in a bank is designated as the default driver. For
non-SEARCH cycles or SEARCH cycles with a
global miss the SSF and SSV signals are driven by
the device with the LDEV Bit set.
Note: It is important that only one device in a bank
of search engines that are cascaded together
have this bit set. Failure to do so will cause conten-
tion on SSV and SSF and can potentially cause
damage to the device(s).
CMD[9]
CMD[2]
SEARCH
0
0
Search 72-bit-configured partitions only
1
0
Search 144-bit-configured partitions only
X
1
Cycles A and B for searching 288-bit-configured partitions
X
0
Cycles C and D for searching 288-bit-configured partitions
32 K
8 K
4 K
72
144
288
CFG = 10 10 01 01 00 00 00 00
AI04731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com