Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 138 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 138 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 134Page - STMicroelectronics M7040N Datasheet HTML 135Page - STMicroelectronics M7040N Datasheet HTML 136Page - STMicroelectronics M7040N Datasheet HTML 137Page - STMicroelectronics M7040N Datasheet HTML 138Page - STMicroelectronics M7040N Datasheet HTML 139Page - STMicroelectronics M7040N Datasheet HTML 140Page - STMicroelectronics M7040N Datasheet HTML 141Page - STMicroelectronics M7040N Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
M7040N
138/159
SRAM WRITE with a Table of One Device
SRAM WRITE enables WRITE access to the off-
chip SRAM that contains associative data. The la-
tency from the second cycle of the WRITE Instruc-
tion to the address appearing on the SRAM Bus is
the same as the latency of the SEARCH Instruc-
tion, and will depend on the TLSZ value parameter
programmed in the device configuration register.
The following explains the SRAM WRITE opera-
tion accomplished with a table of only one device
of the following parameters: TLSZ = 00, HLAT =
000, LRAM = 1, and LDEV = 1. Figure 103, page
139 shows the timing diagram.
For the following description the selected device
refers to the only device in the table as it is the only
device that will be accessed.
– Cycle 1A: The host ASIC applies the WRITE In-
struction on CMD[1:0] using CMDV = 1. The DQ
Bus supplies the address with DQ[20:19] set to
'10' to select the SRAM address. The host ASIC
selects the device for which the ID[4:0] matches
the DQ[25:21] lines. The host ASIC also sup-
plies SADR[23:21] on CMD[8:6] in this cycle.
Note: CMD[2] must be set to '0' for SRAM
WRITE because Burst WRITEs into the SRAM
are not supported.
– Cycle 1B: The host ASIC continues to apply the
WRITE
Instruction
on
CMD[1:0],
using
CMDV = 1. The DQ Bus supplies the address
with DQ[20:19] set to '10' to select the SRAM
address.
Note: CMD[2] must be set to '0' for SRAM
WRITE because Burst WRITEs into the SRAM
are not supported.
– Cycle 2: The host ASIC continues to drive
DQ[71:0]. The data in this cycle is not used by
the M7040N device.
– Cycle 3: The host ASIC continues to drive
DQ[71:0]. The data in this cycle is not used by
the M7040N device.
At the end of Cycle 3, a new command can begin.
The WRITE is a pipelined operation. The WRITE
Cycle appears at the SRAM Bus, however, with
the same latency as that of a SEARCH Instruction,
as measured from the second cycle of the WRITE
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com