Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 135 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 135 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 131Page - STMicroelectronics M7040N Datasheet HTML 132Page - STMicroelectronics M7040N Datasheet HTML 133Page - STMicroelectronics M7040N Datasheet HTML 134Page - STMicroelectronics M7040N Datasheet HTML 135Page - STMicroelectronics M7040N Datasheet HTML 136Page - STMicroelectronics M7040N Datasheet HTML 137Page - STMicroelectronics M7040N Datasheet HTML 138Page - STMicroelectronics M7040N Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 159 page
background image
135/159
M7040N
Figure 100. Table of 31 Devices Made of Four Blocks
SRAM
BHI[2]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
BHI[2]
BHI[1]
BHI[0]
BHO[2]
BHO[1]
BHO[0]
Block of 8 M7040s, Block 0 (Devices 0-7)
Block of 8 M7040s, Block 1 (Devices 8-15)
Block of 8 M7040s, Block 2 (Devices 16-23)
Block of 7 M7040s, Block 3 (Devices 24-30)
AI04684
GND
GND
GND
SSF, SSV
CMD[10:0], CMDV
DQ[71:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com