Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 132 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 132 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 128Page - STMicroelectronics M7040N Datasheet HTML 129Page - STMicroelectronics M7040N Datasheet HTML 130Page - STMicroelectronics M7040N Datasheet HTML 131Page - STMicroelectronics M7040N Datasheet HTML 132Page - STMicroelectronics M7040N Datasheet HTML 133Page - STMicroelectronics M7040N Datasheet HTML 134Page - STMicroelectronics M7040N Datasheet HTML 135Page - STMicroelectronics M7040N Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 159 page
background image
M7040N
132/159
Figure 98. SRAM READ Through Device 0 in a Block of Eight Devices
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
CLK2X
CMDV
CMD[1:0]
ACK
SSV
SSF
SADR
DQ
OE_L
WE_L
CE_L
PHS_L
AI04737
READ
CMD[10:2]
AB
Address
Address
(DQ driven by the selected M7040)
HLAT = 000, TLSZ = 01, LRAM = 0, LDEV = 0
z
z
z
z
z
ALE_L
z
z
z
z
z
0
0
z
z
1
z
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com