Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 128 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 128 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 124Page - STMicroelectronics M7040N Datasheet HTML 125Page - STMicroelectronics M7040N Datasheet HTML 126Page - STMicroelectronics M7040N Datasheet HTML 127Page - STMicroelectronics M7040N Datasheet HTML 128Page - STMicroelectronics M7040N Datasheet HTML 129Page - STMicroelectronics M7040N Datasheet HTML 130Page - STMicroelectronics M7040N Datasheet HTML 131Page - STMicroelectronics M7040N Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
M7040N
128/159
SRAM ADDRESSING
Table 52 describes the commands used to gener-
ate addresses on the SRAM Address Bus. The in-
dex [15:0] field contains the address of a 72-bit
entry that results in a hit in 72-bit-configured quad-
rant. It is the address of the 72-bit entry that lies at
the 144-bit page, and the 288-bit page boundaries
in 144-bit- and 288-bit-configured quadrants, re-
spectively.
REGISTERS, page 22 of this specification, de-
scribes the NFA and SSR Registers. ADR[15:0]
contains the address supplied on the DQ Bus dur-
ing PIO access to the M7040N. Command Bits 8,
7, and 6 {CMD[8:6]} are passed from the com-
mand to the SRAM Address Bus (see COMMAND
CODES AND PARAMETERS, page 30 for more
information). ID[4:0] is the ID of the device driving
the SRAM Bus (see Figure 3, page 9 and Table 2,
page 8 for more information).
Table 52. Generating an SRAM Bus Address
SRAM PIO Access
SRAM READ enables READ access to off-chip
SRAM that contains associative data. The latency
from the issuance of the READ Instruction to the
address appearing on the SRAM Bus is the same
as the latency of the SEARCH Instruction and will
depend on the TLSZ value parameter pro-
grammed in the device Configuration Register.
The latency of the ACK from the READ Instruction
is the same as the latency of the SEARCH Instruc-
tion to the SRAM address plus the HLAT pro-
grammed in the Configuration Register.
Note: SRAM READ is a blocking operation – no
new instruction can begin until the ACK is returned
by the selected device performing the access.
SRAM WRITE enables WRITE access to the off-
chip SRAM containing associative data. The laten-
cy from the second cycle of the WRITE Instruction
to the address appearing on the SRAM Bus is the
same as the latency of the SEARCH Instruction
and will depend on the TLSZ value parameter pro-
grammed in the device Configuration Register.
Note: SRAM WRITE is a pipelined operation –
new instruction can begin right after the previous
command has ended.
SRAM READ with a Table of One Device
SRAM READ enables READ access to the off-
chip SRAM containing associative data. The laten-
cy from the issuance of the READ Instruction to
the address appearing on the SRAM Bus is the
same as the latency of the SEARCH Instruction
and will depend on the TLSZ value parameter pro-
grammed in the device configuration register. The
latency of the ACK from the READ Instruction is
the same as the latency of the SEARCH Instruc-
tion to the SRAM address plus the HLAT pro-
grammed in the configuration register.
The following explains the SRAM READ operation
in a table with only one device that has the follow-
ing parameters: TLSZ = 00, HLAT = 000, LRAM =
1, and LDEV = 1. Figure 96, page 129 shows the
associated timing diagram.
For the following description, the selected device
refers to the only device in the table because it is
the only device to be accessed.
The sequence of the operation is as follows:
– Cycle 1A: The host ASIC applies the READ In-
struction on the CMD[1:0], using CMDV = 1.
The
DQ
Bus
supplies
the
address
with
DQ[20:19] set to '10' to select the SRAM ad-
dress. The host ASIC selects the device for
which the ID[4:0] matches the DQ[25:21] lines.
During this cycle, the host ASIC also supplies
SADR[23:21] on CMD[8:6] in this cycle.
– Cycle 1B: The host ASIC continues to apply the
READ Instruction on the CMD[1:0] using
CMDV = 1. The DQ Bus supplies the address
with DQ[20:19] set to '10' to select the SRAM
address.
Command
SRAM Operation
23
22
21
[20:16]
[15:0]
SEARCH
READ
C8
C7
C6
ID[4:0]
Index[15:0]
LEARN
WRITE
C8
C7
C6
ID[4:0]
NFA[15:0]
PIO READ
READ
C8
C7
C6
ID[4:0]
ADR[15:0]
PIO WRITE
WRITE
C8
C7
C6
ID[4:0]
ADR[15:0]
Indirect Access
WRITE/READ
C8
C7
C6
ID[4:0]
SSR[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com