Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 129 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 129 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 125Page - STMicroelectronics M7040N Datasheet HTML 126Page - STMicroelectronics M7040N Datasheet HTML 127Page - STMicroelectronics M7040N Datasheet HTML 128Page - STMicroelectronics M7040N Datasheet HTML 129Page - STMicroelectronics M7040N Datasheet HTML 130Page - STMicroelectronics M7040N Datasheet HTML 131Page - STMicroelectronics M7040N Datasheet HTML 132Page - STMicroelectronics M7040N Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 159 page
background image
129/159
M7040N
– Cycle 2: The host ASIC floats DQ[71:0] to a 3-
state condition.
– Cycle 3: The host ASIC keeps DQ[71:0] in a 3-
state condition.
– Cycle 4: Theselected devicestarts todrive
DQ[71:0] and drives ACK from High-Z to low.
– Cycle 5: The selected device drives the READ
address on SADR[23:0]; it also drives ACK high,
CE_L low, and ALE_L low.
– Cycle 6: The selected device drives CE_L high,
ALE_L high, the SADR Bus, and the DQ Bus in
a 3-state condition; it drives ACK low.
At the end of Cycle 6, the selected device floats
ACK in a 3-state condition, and a new command
can begin.
Figure 96. SRAM READ Access for One Device
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
CLK2X
CMDV
CMD[1:0]
ACK
SSV
SSF
SADR
DQ
OE_L
WE_L
CE_L
PHS_L
AI04736
READ
CMD[10:2]
AB
Address
Address
(DQ driven by M7040)
HLAT = 000, TLSZ = 00, LRAM = 1, LDEV = 1
z
z
0
1
1
ALE_L
1
z
0
0
0
0
1
1
0
1
0
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com