Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7040N Datasheet(PDF) 124 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 124 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 120Page - STMicroelectronics M7040N Datasheet HTML 121Page - STMicroelectronics M7040N Datasheet HTML 122Page - STMicroelectronics M7040N Datasheet HTML 123Page - STMicroelectronics M7040N Datasheet HTML 124Page - STMicroelectronics M7040N Datasheet HTML 125Page - STMicroelectronics M7040N Datasheet HTML 126Page - STMicroelectronics M7040N Datasheet HTML 127Page - STMicroelectronics M7040N Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
M7040N
124/159
DEPTH-CASCADING
The search engine application can depth-cascade
the device to various table sizes of different widths
(e.g., 72-bit, 144-bit, and 288-bit configurations).
The devices perform all the necessary arbitration
to decide which device drives the SRAM Bus. The
latency of the searches increases as the table size
increases while the search rate remains constant.
Depth-Cascading Up to Eight Devices (One
Block)
Figure 93, page 125 shows how up to eight devic-
es can cascade to form a 512K x 72, 256K x 144,
or 128K x 288 bit table. It also shows the intercon-
nection between the devices for depth-cascading.
Each Search Engine asserts the LHO[1] and
LHO[0] signals to inform downstream devices of
its result. The LHI[6:0] signals for a device are con-
nected to LHO signals of the upstream devices.
The host ASIC must program the TLSZ to '01' for
each of up to eight devices in a block. Only a single
device drives the SRAM Bus in any single cycle.
Depth-Cascading Up to 31 Devices (4 Blocks)
Figure 94, page 126 shows how to cascade up to
four blocks. Each block contains up to eight
M7040Ns (except the last block) and the intercon-
nection within each is shown in Figure 93, page
125.
Note: The interconnection between blocks for
depth-cascading is important. For each SEARCH,
a block asserts BHO[2], BHO[1], and BHO[0]. The
BHO[2:0] signals for a block are the signals taken
only from the last device in the block. For all other
devices within that block, these signals stay open
and floating. The host ASIC must program the ta-
ble size (TLSZ) field to '10' in each of the devices
for cascading up to 31 devices (in up to four
blocks).
Depth-Cascading to Generate a “FULL” Signal
Bit[0] of each of the 72-bit entries is designated as
a special bit (1 = occupied; 0 = empty). For each
LEARN or PIO WRITE to the data array, each de-
vice asserts FULO[1] and FULO[0] if it does not
have any empty locations (see Figure 95, page
127).
Each device combines the FULO signals from the
devices above it with its own “full” status to gener-
ate a FULL signal that gives the “full” status of the
table up to the device asserting the FULL signal.
Figure 95, page 127 shows the hardware connec-
tion diagram for generating the FULL signal that
goes back to the ASIC. In a depth-cascaded block
of up to eight devices, the FULL signal from the
last device should be fed back to the ASIC control-
ler to indicate the fullness of the table. The FULL
signal of the other devices should be left open.
Note: The LEARN instruction is supported for only
up to eight devices, whereas FULL cascading is
allowed only for one block in tables containing
more than eight devices. In tables for which a
LEARn instruction is not going to be used, the
Bit[0] of each 72-bit entry should always be set to
'1.'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com